Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28C43DGKG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28C43DGKG4
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43DGKG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28C43DGKG4 Datasheet HTML 1Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 2Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 3Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 4Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 5Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 6Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 7Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 8Page - Texas Instruments UCC28C43DGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
1
www.ti.com
FEATURES
D
Enhanced Replacement for UC3842A Family
With Pin-to-Pin Compatibility
D
1-MHz Operation
D
50-μA Standby Current, 100-μA Maximum
D
Low Operating Current of 2.3 mA at 52 kHz
D
Fast 35-ns Cycle-by-Cycle Overcurrent
Limiting
D ±1-A Peak Output Current
D
Rail-to-Rail Output Swings with 25-ns Rise
and 20-ns Fall Times
D ±1% Initial Trimmed 2.5-V Error Amplifier
Reference
D
Trimmed Oscillator Discharge Current
D
New Under Voltage Lockout Versions
D
MSOP-8 Package Minimizes Board Space
APPLICATIONS
D
Switch-Mode Power Supplies
D
dc-to-dc Converters
D
Board Mount Power Modules
DESCRIPTION
UCC38C4x family is a high-performance current-
mode PWM controller. It is an enhanced BiCMOS
version with pin-for-pin compatibility to the
industry standard UC384xA family and UC384x
family of PWM controllers. In addition, lower
startup voltage versions of 7 V are offered as
UCC38C40 and UCC38C41.
Providing necessary features to control fixed
frequency, peak current-mode power supplies,
this family offers the following performance
advantages. The device offers high-frequency
operation up to 1 MHz with low start-up and
operating currents, thus minimizing start-up loss
and low operating power consumption for
improved efficiency. The device also features a
very fast current-sense-to-output delay time of
35 ns and a ±1 A peak output current capability
with improved rise and fall times for driving large
external MOSFETs directly.
The UCC38C4x family is offered in 8-pin
packages, MSOP (DGK), SOIC (D) and PDIP (P).
FUNCTIONAL BLOCK DIAGRAM
UDG--99139
8
2
4
7
VREF
Note: Toggle flip--flop used only in UCC38C41, UCC38C44, and UCC38C45.
VREF
RT/CT
VDD
5GND
6OUT
OSC
T
SQ
Q
R
FB
2R
R
1V
1
COMP
3
CS
UVLO
ERROR AMP
(NOTE)
+
+
5.0 V
2.5 V
VREF
GOOD LOGIC
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2003 -- 2010, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC28C43DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C43DGKG4 TI1-UCC28C43DGKG4 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC28C43DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com