Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURF860G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MURF860G
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURF860G Datasheet(HTML) 4 Page - ON Semiconductor

  MURF860G Datasheet HTML 1Page - ON Semiconductor MURF860G Datasheet HTML 2Page - ON Semiconductor MURF860G Datasheet HTML 3Page - ON Semiconductor MURF860G Datasheet HTML 4Page - ON Semiconductor MURF860G Datasheet HTML 5Page - ON Semiconductor MURF860G Datasheet HTML 6Page - ON Semiconductor MURF860G Datasheet HTML 7Page - ON Semiconductor MURF860G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MUR805G, MUR810G, MUR815G, MUR820G, MUR840G, MUR860G, MURF860G,
SUR8820G, SUR8840G
http://onsemi.com
4
MUR840G, SUR8840G
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.6
1.0
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
VR, REVERSE VOLTAGE (VOLTS)
0
150
100
250
300
1000
0.1
0.01
10
100
TJ = 175°C
50
200
500
Figure 7. Typical Reverse Current*
TA, AMBIENT TEMPERATURE (°C)
0
12
2.0
6.0
4.0
14
0
20
40
60
80
200
TC, CASE TEMPERATURE (°C)
140
150
0
2.0
1.0
3.0
5.0
4.0
180
Figure 8. Current Derating, Case
Figure 9. Current Derating, Ambient
0
1.0
6.0
10
0
1.0
2.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation
0.4
0.7
10
70
1.4
100
°C
TJ = 175°C
25
°C
400
450
350
1.0
100
°C
25
°C
170
160
* The curves shown are typical for the highest voltage device in the
grouping. Typical reverse current for lower voltage selections can be
estimated from these same curves if VR is sufficiently below rated VR.
TJ = 175°C
3.0
4.0
10
5.0
2.0
RATED VR APPLIED
dc
SQUARE WAVE
SQUARE WAVE
0.8
1.2
1.6
100
120
140
160
180
8.0
10
dc
5.0
6.0
7.0
8.0
9.0
3.0
4.0
9.0
8.0
7.0
7.0
6.0
8.0
10
9.0
SQUARE WAVE
dc
SQUARE WAVE
dc
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)
150
°C


Similar Part No. - MURF860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURF860G ONSEMI-MURF860G Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
logo
Thinki Semiconductor Co...
MURF860G THINKISEMI-MURF860G Datasheet
770Kb / 2P
   8.0Ampere Insulated Glass Passivated Ultra Fast Recovery Rectifiers
More results

Similar Description - MURF860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com