Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURF860G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MURF860G
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURF860G Datasheet(HTML) 6 Page - ON Semiconductor

  MURF860G Datasheet HTML 1Page - ON Semiconductor MURF860G Datasheet HTML 2Page - ON Semiconductor MURF860G Datasheet HTML 3Page - ON Semiconductor MURF860G Datasheet HTML 4Page - ON Semiconductor MURF860G Datasheet HTML 5Page - ON Semiconductor MURF860G Datasheet HTML 6Page - ON Semiconductor MURF860G Datasheet HTML 7Page - ON Semiconductor MURF860G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MUR805G, MUR810G, MUR815G, MUR820G, MUR840G, MUR860G, MURF860G,
SUR8820G, SUR8840G
http://onsemi.com
6
0.01
0.02
0.05
0.1
0.2
0.5
1.0
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
t, TIME (ms)
Figure 17. Thermal Response
D = 0.5
0.05
SINGLE PULSE
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
ZqJC(t) = r(t) RqJC
RqJC = 1.5°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT T1
TJ(pk) - TC = P(pk) ZqJC(t)
0.1
0.01
Figure 18. Thermal Response, (MURF860G) Junction−to−Case (RqJC)
t, TIME (s)
0.1
10
0.001
1.0
10
100
1000
0.1
0.000001
ZqJC(t) = r(t) RqJC
RqJC = 1.6°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.1
0.05
0.01
SINGLE PULSE
0.2
0.02
1.0
0.01
0.01
0.001
0.0001
0.00001
Figure 19. Thermal Response, (MURF860G) Junction−to−Ambient (RqJA)
t, TIME (s)
0.1
100
0.001
1.0
10
100
1000
0.1
0.000001
ZqJC(t) = r(t) RqJC
RqJC = 1.6°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.1
0.05
0.01
SINGLE PULSE
0.2
0.02
1.0
0.01
0.01
0.001
0.0001
0.00001
10


Similar Part No. - MURF860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURF860G ONSEMI-MURF860G Datasheet
143Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
logo
Thinki Semiconductor Co...
MURF860G THINKISEMI-MURF860G Datasheet
770Kb / 2P
8.0Ampere Insulated Glass Passivated Ultra Fast Recovery Rectifiers
More results

Similar Description - MURF860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com