Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4793FM Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4793FM
Description  Power Amplifier Applications Driver Stage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4793FM Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4793FM Datasheet HTML 1Page - Toshiba Semiconductor 2SC4793FM Datasheet HTML 2Page - Toshiba Semiconductor 2SC4793FM Datasheet HTML 3Page - Toshiba Semiconductor 2SC4793FM Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4793
2006-11-10
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC4793
Power Amplifier Applications
Driver Stage Amplifier Applications
• High transition frequency: fT = 100 MHz (typ.)
• Complementary to 2SA1837
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
230
V
Collector-emitter voltage
VCEO
230
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
1
A
Base current
IB
0.1
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Similar Part No. - 2SC4793FM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4793 TOSHIBA-2SC4793 Datasheet
147Kb / 2P
   NPN EPITAXIAL TYPE (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
New Jersey Semi-Conduct...
2SC4793 NJSEMI-2SC4793 Datasheet
122Kb / 2P
   Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC4793 UTC-2SC4793 Datasheet
46Kb / 4P
   NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SC4793 ISC-2SC4793 Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4793 SAVANTIC-2SC4793 Datasheet
246Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4793FM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA2182 TOSHIBA-2SA2182 Datasheet
171Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2006-11-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com