Electronic Components Datasheet Search |
|
FDPF33N25T Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
|
FDPF33N25T Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 10 page ©2007 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com FDP33N25 / FDPF33N25T Rev. B October UniFET TM FDP33N25 / FDPF33N25T 250V N-Channel MOSFET Features • 33A, 250V, RDS(on) = 0.094Ω @VGS = 10 V • Low gate charge ( typical 36.8 nC) • Low Crss ( typical 39 pF) •Fast switching • Improved dv/dt capability Description These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies and active power factor correction. TO-220 FDP Series G S D TO-220F FDPF Series G S D D G S Absolute Maximum Ratings Symbol Parameter FDP33N25 FDPF33N25T Unit VDSS Drain-Source Voltage 250 V ID Drain Current - Continuous (TC = 25°C) - Continuous (TC = 100°C) 33 20.4 33* 20.4* A A IDM Drain Current - Pulsed (Note 1) 132 132* A VGSS Gate-Source voltage ± 30 V EAS Single Pulsed Avalanche Energy (Note 2) 918 mJ IAR Avalanche Current (Note 1) 33 A EAR Repetitive Avalanche Energy (Note 1) 23.5 mJ dv/dt Peak Diode Recovery dv/dt (Note 3) 4.5 V/ns PD Power Dissipation (TC = 25°C) - Derate above 25 °C 235 1.89 37 0.29 W W/ °C TJ, TSTG Operating and Storage Temperature Range -55 to +150 °C TL Maximum Lead Temperature for Soldering Purpose, 1/8” from Case for 5 Seconds 300 °C *Drain current limited by maximum junction temperature Thermal Characteristics Symbol Parameter FDP33N25 FDPF33N25T Unit RθJC Thermal Resistance, Junction-to-Case 0.53 3.4 °C/W RθCS Thermal Resistance, Case-to-Sink Typ. 0.5 -- °C/W RθJA Thermal Resistance, Junction-to-Ambient 62.5 62.5 °C/W |
Similar Part No. - FDPF33N25T |
|
Similar Description - FDPF33N25T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |