Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2A4ZC104KAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # W2A4ZC104KAT2A
Description  Capacitor Array (IPC)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2A4ZC104KAT2A Datasheet(HTML) 3 Page - AVX Corporation

  W2A4ZC104KAT2A Datasheet HTML 1Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 2Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 3Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 4Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 5Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
62
SIZE
0405
0508
0508
0612
# Elements
2
2
4
4
Soldering
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Length
mm
1.00 ± 0.15
1.30 ± 0.15
1.30 ± 0.15
1.60 ± 0.150
(in.)
(0.039 ± 0.006)
(0.051 ± 0.006)
(0.051 ± 0.006)
(0.063 ± 0.006)
Width
mm
1.37 ± 0.15
2.10 ± 0.15
2.10 ± 0.15
3.20 ± 0.20
(in.)
(0.054 ± 0.006)
(0.083 ± 0.006)
(0.083 ± 0.006)
(0.126 ± 0.008)
Max.
mm
0.66
0.94
0.94
1.35
Thickness
(in.)
(0.026)
(0.037)
(0.037)
(0.053)
WVDC
16
25
50
16
25
50
100
16
25
50
100
16
25
50
100
1R0
Cap
1.0
1R2
(pF)
1.2
1R5
1.5
1R8
1.8
2R2
2.2
2R7
2.7
3R3
3.3
3R9
3.9
4R7
4.7
5R6
5.6
6R8
6.8
8R2
8.2
100
10
120
12
150
15
180
18
220
22
270
27
330
33
390
39
470
47
560
56
680
68
820
82
101
100
121
120
151
150
181
180
221
220
271
270
331
330
391
390
471
470
561
560
681
680
821
820
102
1000
122
1200
152
1500
182
1800
222
2200
272
2700
332
3300
392
3900
472
4700
562
5600
682
6800
822
8200
Capacitor Array
Capacitance Range – NP0/C0G


Similar Part No. - W2A4ZC104KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A4ZC104K4B2A AVX-W2A4ZC104K4B2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4B2F AVX-W2A4ZC104K4B2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4B4A AVX-W2A4ZC104K4B4A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4T2A AVX-W2A4ZC104K4T2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4T2F AVX-W2A4ZC104K4T2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
More results

Similar Description - W2A4ZC104KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W3A4YC104K4T2A AVX-W3A4YC104K4T2A_17 Datasheet
164Kb / 3P
   Capacitor Array (IPC)
logo
Kemet Corporation
C1632C10012GAC KEMET-C1632C10012GAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
FSP TECHNOLOGY INC.
FSP150-50LE FSP-FSP150-50LE Datasheet
150Kb / 1P
   IPC PSU
FSP200-61DL FSP-FSP200-61DL_15 Datasheet
81Kb / 1P
   IPC PSU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com