Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2A4ZC104KAT2A Datasheet(PDF) 2 Page - AVX Corporation

Part # W2A4ZC104KAT2A
Description  Capacitor Array (IPC)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2A4ZC104KAT2A Datasheet(HTML) 2 Page - AVX Corporation

  W2A4ZC104KAT2A Datasheet HTML 1Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 2Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 3Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 4Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 5Page - AVX Corporation W2A4ZC104KAT2A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
61
Capacitor Array
Capacitor Array (IPC)
GENERAL DESCRIPTION
AVX is the market leader in the development and manufacture of
capacitor arrays. The smallest array option available from AVX, the
0405 2-element device, has been an enormous success in the
Telecommunications market. The array family of products also
includes the 0612 4-element device as well as 0508 2-element and
4-element series, all of which have received widespread acceptance
in the marketplace.
AVX capacitor arrays are available in X5R, X7R and NP0 (C0G)
ceramic dielectrics to cover a broad range of capacitance values.
Voltage ratings from 6.3 Volts up to 100 Volts are offered. AVX
also now offers a range of automotive capacitor arrays qualified to
AEC-Q200 (see separate table).
Key markets for capacitor arrays are Mobile and Cordless Phones,
Digital Set Top Boxes, Computer Motherboards and Peripherals
as well as Automotive applications, RF Modems, Networking
Products, etc.
HOW TO ORDER
W
Style
W = RoHS
L = SnPb
2
Case
Size
1 = 0405
2 = 0508
3 = 0612
5 = 0306
A
Array
4
Number
of Caps
3
Voltage
6 = 6V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
C
Dielectric
A = NP0
C = X7R
D = X5R
103
Capacitance
Code
2 Sig Digits +
Number of
Zeros
M
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
2A
Packaging &
Quantity
Code
2A = 7" Reel
(4000)
4A = 13" Reel
(10000)
2F = 7" Reel
(1000)
A
Failure
Rate
A = Commercial
4 = Automotive
T
Termination
Code
T = Plated Ni
and Sn**
Z = FLEXITERM®**
B = 5% min lead
X = FLEXITERM® with
5% min lead
0405 - 2 Element
0508 - 2 Element
0508 - 4 Element
0612 - 4 Element
AVX Capacitor Array - W2A41A***K
S21 Magnitude
-40
-35
-30
-25
-20
-15
-10
-5
0
0.01
0.1
1
10
Frequency (GHz)
5pF
10pF
15pF
22pF
33pF
39pF
68pF
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
**RoHS compliant
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style


Similar Part No. - W2A4ZC104KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A4ZC104K4B2A AVX-W2A4ZC104K4B2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4B2F AVX-W2A4ZC104K4B2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4B4A AVX-W2A4ZC104K4B4A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4T2A AVX-W2A4ZC104K4T2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
W2A4ZC104K4T2F AVX-W2A4ZC104K4T2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
More results

Similar Description - W2A4ZC104KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W3A4YC104K4T2A AVX-W3A4YC104K4T2A_17 Datasheet
164Kb / 3P
   Capacitor Array (IPC)
logo
Kemet Corporation
C1632C10012GAC KEMET-C1632C10012GAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
FSP TECHNOLOGY INC.
FSP150-50LE FSP-FSP150-50LE Datasheet
150Kb / 1P
   IPC PSU
FSP200-61DL FSP-FSP200-61DL_15 Datasheet
81Kb / 1P
   IPC PSU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com