Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 7 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 7 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 3Page - Winbond W9751G6KB-25 Datasheet HTML 4Page - Winbond W9751G6KB-25 Datasheet HTML 5Page - Winbond W9751G6KB-25 Datasheet HTML 6Page - Winbond W9751G6KB-25 Datasheet HTML 7Page - Winbond W9751G6KB-25 Datasheet HTML 8Page - Winbond W9751G6KB-25 Datasheet HTML 9Page - Winbond W9751G6KB-25 Datasheet HTML 10Page - Winbond W9751G6KB-25 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 7 -
Revision A04
6.
BALL DESCRIPTION
BALL NUMBER
SYMBOL
FUNCTION
DESCRIPTION
M8,M3,M7,N2,N8,N3
,N7,P2,P8,P3,M2,P7
,R2
A0
−A12
Address
Provide the row address for active commands, and the column address
and Auto-precharge bit for Read/Write commands to select one
location out of the memory array in the respective bank.
Row address: A0−A12.
Column address: A0−A9. (A10 is used for Auto-precharge)
L2,L3
BA0
−BA1
Bank Select
BA0
−BA1 define to which bank an ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
G8,G2,H7,H3,H1,H9
,F1,F9,C8,C2,D7,D3,
D1,D9,B1,B9
DQ0
−DQ15
Data Input
/ Output
Bi-directional data bus.
K9
ODT
On Die
Termination
Control
ODT (registered HIGH) enables termination resistance internal to the
DDR2 SDRAM.
F7,E8
LDQS,
LDQS LOW Data Strobe
Data Strobe for Lower Byte: Output with read data, input with write data
for source synchronous operation. Edge-aligned with read data, center-
aligned with write data. LDQS corresponds to the data on DQ0
−DQ7.
LDQS is only used when differential data strobe mode is enabled via
the control bit at EMR (1)[A10 EMRS command].
B7,A8
UDQS,
UDQS
UP Data Strobe
Data Strobe for Upper Byte: Output with read data, input with write data
for source synchronous operation. Edge-aligned with read data, center-
aligned
with
write
data.
UDQS
corresponds
to
the
data
on
DQ8
−DQ15. UDQS is only used when differential data strobe mode is
enabled via the control bit at EMR (1)[A10 EMRS command].
L8
CS
Chip Select
All commands are masked when
CS is registered HIGH
. CS provides
for external rank selection on systems with multiple ranks. CS
is
considered part of the command code.
K7,L7,K3
RAS , CAS ,
WE
Command Inputs
RAS , CAS and WE (along with CS ) define the command being
entered.
B3,F3
UDM, LDM
Input Data Mask
DM is an input mask signal for write data. Input data is masked when
DM is sampled high coincident with that input data during a Write
access. DM is sampled on both edges of DQS. Although DM pins are
input only, the DM loading matches the DQ and DQS loading.
J8,K8
CLK, CLK
Differential Clock
Inputs
CLK and CLK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of CLK
and negative edge of
CLK . Output (read) data is referenced to the
crossings of CLK and CLK (both directions of crossing).
K2
CKE
Clock Enable
CKE
(registered
HIGH)
activates
and
CKE
(registered
LOW)
deactivates clocking circuitry on the DDR2 SDRAM.
J2
VREF
Reference Voltage VREF is reference voltage for inputs.
A1,E1,J9,M9,R1
VDD
Power Supply
Power Supply: 1.8V
 0.1V.
A3,E3,J3,N1,P9
VSS
Ground
Ground.
A9,C1,C3,C7,C9,E9,
G1,G3,G7,G9
VDDQ
DQ Power Supply
DQ Power Supply: 1.8V
 0.1V.
A7,B2,B8,D2,D8,E7,
F2,F8,H2,H8
VSSQ
DQ Ground
DQ Ground. Isolated on the device for improved noise immunity.
A2,E2,L1,R3,R7,R8
NC
No Connection
No connection.
J7
VSSDL
DLL Ground
DLL Ground.
J1
VDDL
DLL Power Supply DLL Power Supply: 1.8V
 0.1V.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com