Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 30 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 30 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 26Page - Winbond W9751G6KB-25 Datasheet HTML 27Page - Winbond W9751G6KB-25 Datasheet HTML 28Page - Winbond W9751G6KB-25 Datasheet HTML 29Page - Winbond W9751G6KB-25 Datasheet HTML 30Page - Winbond W9751G6KB-25 Datasheet HTML 31Page - Winbond W9751G6KB-25 Datasheet HTML 32Page - Winbond W9751G6KB-25 Datasheet HTML 33Page - Winbond W9751G6KB-25 Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 30 -
Revision A04
8.9.1
Power Down Entry
Two types of Power Down Mode can be performed on the device: Precharge Power Down Mode and
Active Power Down Mode.
If power down occurs when all banks are idle, this mode is referred to as Precharge Power Down; if
power down occurs when there is a row active in any bank, this mode is referred to as Active Power
Down. Entering power down deactivates the input and output buffers, excluding CLK, CLK , ODT and
CKE. Also the DLL is disabled upon entering Precharge Power Down or slow exit Active Power Down,
but the DLL is kept enabled during fast exit Active Power Down.
In power down mode, CKE LOW and a stable clock signal must be maintained at the inputs of the
DDR2
SDRAM, and ODT should be in a valid state but all other input signals are “Don‟t Care”. CKE
LOW must be maintained until tCKE has been satisfied. Maximum power down duration is limited by
the refresh requirements of the device, which allows a maximum of 9 x tREFI if maximum posting of
REF is utilized immediately before entering power down. (Example timing waveforms refer to 11.29 to
11.30 Active and Precharged Power Down Mode Entry and Exit diagram in Chapter 11)
8.9.2
Power Down Exit
The power-down state is synchronously exited when CKE is registered HIGH (along with a NOP or
Deselect command). CKE high must be maintained until tCKE has been satisfied. A valid, executable
command can be applied with power-down exit latency, tXP, tXARD, or tXARDS, after CKE goes HIGH.
Power-down exit latency is defined at AC Characteristics table of this data sheet.
8.10 Input clock frequency change during precharge power down
DDR2 SDRAM input clock frequency can be changed under following condition:
DDR2 SDRAM is in precharged power down mode. ODT must be turned off and CKE must be at logic
LOW level. A minimum of 2 clocks must be waited after CKE goes LOW before clock frequency may
change. SDRAM input clock frequency is allowed to change only within minimum and maximum
operating frequency specified for the particular speed grade. During input clock frequency change,
ODT and CKE must be held at stable LOW levels.
Once input clock frequency is changed, stable new clocks must be provided to DRAM before
precharge power down may be exited and DLL must be RESET via MRS command after precharge
power down exit. Depending on new clock frequency an additional MRS or EMRS command may
need to be issued to appropriately set the WR, CL etc
During DLL re-lock period, ODT must remain off. After the DLL lock time, the DRAM is ready to
operate with new clock frequency. (Example timing waveform refer to 11.31 Clock frequency change
in precharge Power Down mode diagram in Chapter 11)


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com