Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 29 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 29 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 25Page - Winbond W9751G6KB-25 Datasheet HTML 26Page - Winbond W9751G6KB-25 Datasheet HTML 27Page - Winbond W9751G6KB-25 Datasheet HTML 28Page - Winbond W9751G6KB-25 Datasheet HTML 29Page - Winbond W9751G6KB-25 Datasheet HTML 30Page - Winbond W9751G6KB-25 Datasheet HTML 31Page - Winbond W9751G6KB-25 Datasheet HTML 32Page - Winbond W9751G6KB-25 Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 29 -
Revision A04
Table 5
– Precharge & Auto-precharge clarifications
From
Command
To Command
Minimum Delay between “From
Command” to “To Command”
Unit
Notes
Read
Precharge (to same Bank as Read)
AL + BL/2 + max(RTP, 2) - 2
clks
1, 2
Precharge All
AL + BL/2 + max(RTP, 2) - 2
clks
1, 2
Read w/AP
Precharge (to same Bank as Read w/AP)
AL + BL/2 + max(RTP, 2) - 2
clks
1, 2
Precharge All
AL + BL/2 + max(RTP, 2) - 2
clks
1, 2
Write
Precharge (to same Bank as Write)
WL + BL/2 + tWR
clks
2
Precharge All
WL + BL/2 + tWR
clks
2
Write w/AP
Precharge (to same Bank as Write w/AP)
WL + BL/2 + WR
clks
2
Precharge All
WL + BL/2 + WR
clks
2
Precharge
Precharge (to same Bank as Precharge)
1
clks
2
Precharge All
1
clks
2
Precharge
All
Precharge
1
clks
2
Precharge All
1
clks
2
Notes:
1. RTP[cycles] = RU{ tRTP[nS] / tCK(avg)[nS] }, where RU stands for round up.
2. For a given bank, the precharge period should be counted from the latest precharge command, either one bank precharge or
precharge all, issued to that bank. The precharge period is satisfied after tRP depending on the latest precharge command
issued to that bank.
8.8
Refresh Operation
DDR2 SDRAM requires a refresh of all rows in any rolling 64 mS interval. The necessary refresh can
be generated in one of two ways: by explicit Auto Refresh commands or by an internally timed Self
Refresh mode. Dividing the number of device rows into the rolling 64 mS interval defines the average
refresh interval, tREFI, which is a guideline to controllers for distributed refresh timing.
When CS , RAS and CAS are held LOW and WE HIGH at the rising edge of the clock, the chip
enters the Refresh mode (REF). All banks of the DDR2 SDRAM must be precharged and idle for a
minimum of the Precharge time (tRP) before the Refresh command (REF) can be applied. An address
counter, internal to the device, supplies the bank address during the refresh cycle. No control of the
external address bus is required once this cycle has started. (Example timing waveform refer to 11.28
Self Refresh diagram in Chapter 11)
8.9
Power Down Mode
Power-down is synchronously entered when CKE is registered LOW, along with NOP or Deselect
command. CKE is not allowed to go LOW while mode register or extended mode register command
time, or read or write operation is in progress. CKE is allowed to go LOW while any other operation
such as row activation, Precharge or Auto-precharge or Auto Refresh is in progress, but power down
IDD specification will not be applied until finishing those operations.
The DLL should be in a locked state when power-down is entered. Otherwise DLL should be reset
after exiting power-down mode for proper read operation.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com