Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 28 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 28 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 24Page - Winbond W9751G6KB-25 Datasheet HTML 25Page - Winbond W9751G6KB-25 Datasheet HTML 26Page - Winbond W9751G6KB-25 Datasheet HTML 27Page - Winbond W9751G6KB-25 Datasheet HTML 28Page - Winbond W9751G6KB-25 Datasheet HTML 29Page - Winbond W9751G6KB-25 Datasheet HTML 30Page - Winbond W9751G6KB-25 Datasheet HTML 31Page - Winbond W9751G6KB-25 Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 28 -
Revision A04
Auto-precharge is also implemented during Write commands. The precharge operation engaged by
the Auto-precharge command will not begin until the last data of the burst write sequence is properly
stored in the memory array.
This feature allows the precharge operation to be partially or completely hidden during burst read
cycles (dependent upon CAS Latency) thus improving system performance for random data access.
The RAS lockout circuit internally delays the Precharge operation until the array restore operation
has been completed (tRAS satisfied) so that the Auto-precharge command may be issued with any
read or write command.
8.7.1
Burst read with Auto-precharge
If A10 is HIGH when a Read Command is issued, the Read with Auto-precharge function is engaged.
The DDR2 SDRAM starts an Auto-precharge operation on the rising edge which is (AL + BL/2) cycles
later from the Read with AP command if tRAS(min) and tRTP(min) are satisfied. (Example timing
waveform refer to 11.22 Burst read operation with Auto-precharge diagram in Chapter 11)
If tRAS(min) is not satisfied at the edge, the start point of Auto-precharge operation will be delayed until
tRAS(min) is satisfied.
If tRTP(min) is not satisfied at the edge, the start point of Auto-precharge operation will be delayed until
tRTP(min) is satisfied.
In case the internal precharge is pushed out by tRTP, tRP starts at the point where tRTP ends (not at the
next rising clock edge after this event). So for BL = 4 the minimum time from Read with Auto-
precharge to the next Activate command becomes AL + RU{ (tRTP + tRP) / tCK(avg) } (Example timing
waveform refer to 11.23 Burst read operation with Auto-precharge diagram in Chapter 11.), for BL = 8
the time from Read with Auto-precharge to the next Activate command is AL + 2 + RU{ (tRTP + tRP) /
tCK(avg)
}, where RU stands for “rounded up to the next integer”. In any event internal precharge does
not start earlier than two clocks after the last 4-bit prefetch.
A new bank active command may be issued to the same bank if the following two conditions are
satisfied simultaneously.
The RAS precharge time (tRP) has been satisfied from the clock at which the Auto-precharge
begins.
The RAS cycle time (tRC) from the previous bank activation has been satisfied.
(Example timing waveforms refer to 11.24 to 11.25 Burst read with Auto-precharge followed by an
activation to the same bank (tRC Limit) and (tRP Limit) diagram in Chapter 11)
8.7.2
Burst write with Auto-precharge
If A10 is HIGH when a Write Command is issued, the Write with Auto-Precharge function is engaged.
The DDR2 SDRAM automatically begins precharge operation after the completion of the burst write
plus write recovery time (WR) programmed in the mode register. The bank undergoing Auto-
precharge from the completion of the write burst may be reactivated if the following two conditions are
satisfied.
The data-in to bank activate delay time (WR + tRP) has been satisfied.
The RAS cycle time (tRC) from the previous bank activation has been satisfied.
(Example timing waveforms refer to 11.26 to 11.27 Burst write with Auto-precharge (tRC Limit) and
(WR + tRP Limit) diagram in Chapter 11)


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com