Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 25 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 25 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 21Page - Winbond W9751G6KB-25 Datasheet HTML 22Page - Winbond W9751G6KB-25 Datasheet HTML 23Page - Winbond W9751G6KB-25 Datasheet HTML 24Page - Winbond W9751G6KB-25 Datasheet HTML 25Page - Winbond W9751G6KB-25 Datasheet HTML 26Page - Winbond W9751G6KB-25 Datasheet HTML 27Page - Winbond W9751G6KB-25 Datasheet HTML 28Page - Winbond W9751G6KB-25 Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 25 -
Revision A04
Unlike DDR1 devices, interruption of a burst read or writes cycle during BL = 4 mode operation is
prohibited. However in case of BL = 8 mode, interruption of a burst read or write operation is limited to
two cases, reads interrupted by a read, or writes interrupted by a write. (Example timing waveforms
refer to 11.12 and 11.13 Burst read and write interrupt timing diagram in Chapter 11)
Therefore the Burst Stop command is not supported on DDR2 SDRAM devices.
Table 3
– Burst Length and Sequence
Burst Length
Starting Address
(A2 A1 A0)
Sequential Addressing
(decimal)
Interleave Addressing
(decimal)
4
x00
0, 1, 2, 3
0, 1, 2, 3
x01
1, 2, 3, 0
1, 0, 3, 2
x10
2, 3, 0, 1
2, 3, 0, 1
x11
3, 0, 1, 2
3, 2, 1, 0
8
000
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
001
1, 2, 3, 0, 5, 6, 7, 4
1, 0, 3, 2, 5, 4, 7, 6
010
2, 3, 0, 1, 6, 7, 4, 5
2, 3, 0, 1, 6, 7, 4, 5
011
3, 0, 1, 2, 7, 4, 5, 6
3, 2, 1, 0, 7, 6, 5, 4
100
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
101
5, 6, 7, 4, 1, 2, 3, 0
5, 4, 7, 6, 1, 0, 3, 2
110
6, 7, 4, 5, 2, 3, 0, 1
6, 7, 4, 5, 2, 3, 0, 1
111
7, 4, 5, 6, 3, 0, 1, 2
7, 6, 5, 4, 3, 2, 1, 0
8.4.3
Burst read mode operation
Burst Read is initiated with a READ command. The address inputs determine the starting column
address for the burst. The delay from the start of the command to when the data from the first cell
appears on the outputs is equal to the value of the read latency (RL). The data strobe output (DQS) is
driven LOW one clock cycle before valid data (DQ) is driven onto the data bus. The first bit of the burst
is synchronized with the rising edge of the data strobe (DQS). Each subsequent data-out appears on
the DQ pin in phase with the DQS signal in a source synchronous manner. The RL is equal to an
additive latency (AL) plus CAS Latency (CL). The CL is defined by the Mode Register Set (MRS). The
AL is defined by the Extended Mode Register EMR (1). (Example timing waveforms refer to 11.6 and
11.7 Data output (read) timing and Burst read operation diagram in Chapter 11)
8.4.4
Burst write mode operation
Burst Write is initiated with a WRITE command. The address inputs determine the starting column
address for the burst. Write Latency (WL) is defined by a Read Latency (RL) minus one and is equal
to (AL + CL -1); and is the number of clocks of delay that are required from the time the write
command is registered to the clock edge associated to the first DQS strobe. A data strobe signal
(DQS) should be driven LOW (preamble) nominally half clock prior to the WL. The first data bit of the
burst cycle must be applied to the DQ pins at the first rising edge of the DQS following the preamble.
The tDQSS specification must be satisfied for each positive DQS transition to its associated clock edge
during write cycles. The subsequent burst bit data are issued on successive edges of the DQS until
the burst length is completed, which is 4 or 8 bit burst. When the burst has finished, any additional
data supplied to the DQ pins will be ignored. The DQ Signal is ignored after the burst write operation is
complete. The time from the completion of the burst write to bank precharge is the write recovery time
(WR). (Example timing waveforms refer to 11.8 and 11.9 Data input (write) timing and Burst write
operation diagram in Chapter 11)


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com