Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 16 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 16 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 12Page - Winbond W9751G6KB-25 Datasheet HTML 13Page - Winbond W9751G6KB-25 Datasheet HTML 14Page - Winbond W9751G6KB-25 Datasheet HTML 15Page - Winbond W9751G6KB-25 Datasheet HTML 16Page - Winbond W9751G6KB-25 Datasheet HTML 17Page - Winbond W9751G6KB-25 Datasheet HTML 18Page - Winbond W9751G6KB-25 Datasheet HTML 19Page - Winbond W9751G6KB-25 Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 16 -
Revision A04
8.2.3.1
Extended Mode Register for OCD Impedance Adjustment
OCD impedance adjustment can be done using the following EMRS mode. In drive mode all outputs
are driven out by DDR2 SDRAM. In Drive (1) mode, all DQ, DQS signals are driven HIGH and all
DQS signals are driven LOW. In Drive (0) mode, all DQ, DQS signals are driven LOW and all DQS
signals are driven HIGH. In adjust mode, BL = 4 of operation code data must be used. In case of OCD
calibration default, output driver characteristics have a nominal impedance value of 18 Ohms during
nominal temperature and voltage conditions. OCD applies only to normal full strength output drive
setting defined by EMR (1) and if reduced strength is set, OCD default driver characteristics are not
applicable. When OCD calibration adjust mode is used, OCD default output driver characteristics are
not applicable. After OCD calibration is completed or driver strength is set to default, subsequent
EMRS commands not intended to adjust OCD characteristics must specify A[9:7] as ‟000‟ in order to
maintain the default or calibrated value.
Table 1
– OCD Drive Mode Program
A9
A8
A7
Operation
0
0
0
OCD calibration mode exit
0
0
1
Drive (1) DQ, DQS HIGH and DQS LOW
0
1
0
Drive (0) DQ, DQS LOW and DQS HIGH
1
0
0
Adjust mode
1
1
1
OCD calibration default
8.2.3.2
OCD Impedance Adjust
To adjust output driver impedance, controllers must issue the ADJUST EMRS command along with a
4 bit burst code to DDR2 SDRAM as in table 2. For this operation, Burst Length has to be set to BL =
4 via MRS command before activating OCD and controllers must drive the burst code to all DQs at the
same time. DT0 in table 2 means all DQ bits at bit time 0, DT1 at bit time 1, and so forth. The driver
output impedance is adjusted for all DDR2 SDRAM DQs simultaneously and after OCD calibration, all
DQs and DQS‟s of a given DDR2 SDRAM will be adjusted to the same driver strength setting. The
maximum step count for adjustment is 16 and when the limit is reached, further increment or
decrement code has no effect. The default setting may be any step within the 16 step range. When
Adjust mode command is issued, AL from previously set value must be applied.
Table 2
– OCD Adjust Mode Program
4 bit burst code inputs to all DQs
Operation
DT0
DT1
DT2
DT3
Pull-up driver strength
Pull-down driver strength
0
0
0
0
NOP (No operation)
NOP (No operation)
0
0
0
1
Increase by 1 step
NOP
0
0
1
0
Decrease by 1 step
NOP
0
1
0
0
NOP
Increase by 1 step
1
0
0
0
NOP
Decrease by 1 step
0
1
0
1
Increase by 1 step
Increase by 1 step
0
1
1
0
Decrease by 1 step
Increase by 1 step
1
0
0
1
Increase by 1 step
Decrease by 1 step
1
0
1
0
Decrease by 1 step
Decrease by 1 step
Other Combinations
Reserved


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com