Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 15 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 15 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 11Page - Winbond W9751G6KB-25 Datasheet HTML 12Page - Winbond W9751G6KB-25 Datasheet HTML 13Page - Winbond W9751G6KB-25 Datasheet HTML 14Page - Winbond W9751G6KB-25 Datasheet HTML 15Page - Winbond W9751G6KB-25 Datasheet HTML 16Page - Winbond W9751G6KB-25 Datasheet HTML 17Page - Winbond W9751G6KB-25 Datasheet HTML 18Page - Winbond W9751G6KB-25 Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 15 -
Revision A04
8.2.3
Off-Chip Driver (OCD) Impedance Adjustment
DDR2 SDRAM supports driver calibration feature and the flow chart in Figure 6 is an example of the
sequence. Every calibration mode command should be followed by “OCD calibration mode exit”
before any other command being issued. MRS should be set before entering OCD impedance
adjustment and On Die Termination (ODT) should be carefully controlled depending on system
environment.
Start
ALL OK
All MR shoud be programmed before entering OCD impedance adjustment and ODT should
be carefully controlled depending on system environment
EMRS: Drive(0)
DQ &DQS Low; DQS High
EMRS: OCD calibration mode exit
Test
Need Calibration
EMRS: OCD calibration mode exit
EMRS:
Enter Adjust Mode
BL=4 code input to all DQs
Inc, Dec or NOP
EMRS: OCD calibration mode exit
ALL OK
EMRS: Drive(1)
DQ &DQS High; DQS Low
Test
Need Calibration
EMRS: OCD calibration mode exit
EMRS:
Enter Adjust Mode
BL=4 code input to all DQs
Inc, Dec or NOP
EMRS: OCD calibration mode exit
EMRS: OCD calibration mode exit
End
Figure 6
– OCD Impedance Adjustment Flow Chart


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com