Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 13 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 13 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 9Page - Winbond W9751G6KB-25 Datasheet HTML 10Page - Winbond W9751G6KB-25 Datasheet HTML 11Page - Winbond W9751G6KB-25 Datasheet HTML 12Page - Winbond W9751G6KB-25 Datasheet HTML 13Page - Winbond W9751G6KB-25 Datasheet HTML 14Page - Winbond W9751G6KB-25 Datasheet HTML 15Page - Winbond W9751G6KB-25 Datasheet HTML 16Page - Winbond W9751G6KB-25 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 13 -
Revision A04
8.2.2.3
Extend Mode Register Set Command (2), EMR (2)
( CS = "L", RAS = "L", CAS = "L", WE = "L", BA0 = "L", BA1 = "H", A0 to A12 = Register data)
The extended mode register (2) controls refresh related features. The default value of the extended
mode register (2) is not defined, therefore the extended mode register (2) must be programmed during
initialization for proper operation.
The DDR2 SDRAM should be in all bank precharge state with CKE already high prior to writing into
the extended mode register (2). The mode register set command cycle time (tMRD) must be satisfied to
complete the write operation to the extended mode register (2). Mode register contents can be
changed using the same command and clock cycle requirements during normal operation as long as
all banks are in the precharge state.
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
SELF
0*
1
Address Field
Extended Mode Register (2)
0*
1
A7
1
0
Disable
High Temperature Self Refresh Rate Enable
Enable*
2
BA0
1
BA1
BA0
MRS mode
0
0
0
0
1
1
1
1
MRS
EMR (1)
EMR (2)
EMR (3)
BA1
Notes:
1. The rest bits in EMR (2) is reserved for future use and all bits in EMR (2) except A7, BA0 and BA1 must be programmed to 0
when setting the extended mode register (2) during initialization.
2. When DRAM is operated at 85°C < TCASE
≤ 95°C or 105°C the extended Self Refresh rate must be enabled by setting bit
A7 to
“1” before the Self Refresh mode can be entered.
Figure 4
– EMR (2)


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com