Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 11 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 11 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 7Page - Winbond W9751G6KB-25 Datasheet HTML 8Page - Winbond W9751G6KB-25 Datasheet HTML 9Page - Winbond W9751G6KB-25 Datasheet HTML 10Page - Winbond W9751G6KB-25 Datasheet HTML 11Page - Winbond W9751G6KB-25 Datasheet HTML 12Page - Winbond W9751G6KB-25 Datasheet HTML 13Page - Winbond W9751G6KB-25 Datasheet HTML 14Page - Winbond W9751G6KB-25 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 11 -
Revision A04
SDRAM. Burst address sequence type is defined by A3, CAS Latency is defined by A[6:4]. The DDR2
does not support half clock latency mode. A7 is used for test mode. A8 is used for DLL reset. A7 must
be set to LOW for normal MRS operation. Write recovery time WR is defined by A[11:9]. Refer to the
table for specific codes.
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
PD
WR
DLL
BT
CAS Latency
Burst Length
TM
A8
0
1
DLL Reset
No
Yes
BA1
BA0
0
0
0
1
1
0
1
1
MRS mode
MR
EMR (1)
EMR (2)
EMR (3)
A12
1
0
Active power down exit time
Fast exit (use tXARD)
Slow exit (use tXARDS)
Burst Length
Address Field
Mode Register
Write recovery for Auto-precharge
CAS Latency
A6
0
0
0
0
1
1
1
1
A5
0
0
1
1
0
0
1
1
A4
0
1
0
1
0
1
1
0
Latency
Reserved
3
4
5
7
6
Reserved
Reserved
A2
0
0
A1
1
1
A0
0
1
BL
4
8
A11
0
0
0
0
1
1
1
1
A10
0
0
1
1
0
0
1
1
A9
0
1
0
1
0
1
1
0
WR *
Reserved
2
3
4
5
6
8
7
A7
0
1
Mode
Normal
Test
A3
0
1
Burst Type
Sequential
Interleave
0
BA1
0
Note:
1. WR (write recovery for Auto-precharge) min is determined by tCK(avg) max and WR max is determined by tCK(avg) min.
WR[cycles] = RU{ tWR[nS] / tCK(avg)[nS] }, where RU stands for round up. The mode register must be programmed to this
value. This is also used with tRP to determine tDAL.
Figure 2
– Mode Register Set (MRS)
8.2.2
Extend Mode Register Set Commands (EMRS)
8.2.2.1
Extend Mode Register Set Command (1), EMR (1)
( CS = "L", RAS = "L", CAS = "L", WE = "L", BA0 = "H", BA1 = "L", A0 to A12 = Register data)
The extended mode register (1) stores the data for enabling or disabling the DLL, output driver
strength, additive latency, ODT, DQS disable, OCD program. The default value of the extended
mode register (1) is not defined, therefore the extended mode register (1) must be programmed during
initialization for proper operation. The DDR2 SDRAM should be in all bank precharge with CKE
already high prior to writing into the extended mode register (1). The mode register set command
cycle time (tMRD) must be satisfied to complete the write operation to the extended mode register (1).
Extended mode register (1) contents can be changed using the same command and clock cycle
requirements during normal operation as long as all banks are in the precharge state. A0 is used for
DLL enable or disable. A1 is used for enabling a reduced strength output driver. A[5:3] determines the
additive latency, A[9:7] are used for OCD control, A10 is used for DQS disable. A2 and A6 are used
for ODT setting.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com