Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 10 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 10 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 6Page - Winbond W9751G6KB-25 Datasheet HTML 7Page - Winbond W9751G6KB-25 Datasheet HTML 8Page - Winbond W9751G6KB-25 Datasheet HTML 9Page - Winbond W9751G6KB-25 Datasheet HTML 10Page - Winbond W9751G6KB-25 Datasheet HTML 11Page - Winbond W9751G6KB-25 Datasheet HTML 12Page - Winbond W9751G6KB-25 Datasheet HTML 13Page - Winbond W9751G6KB-25 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 10 -
Revision A04
Notes:
1. To guarantee ODT off, VREF must be valid and a LOW level must be applied to the ODT pin.
2. VREF must be within
 300 mV with respect to VDDQ/2 during supply ramp time.
3. VDD/VDDL voltage ramp time must be no greater than 200 mS from when VDD ramps from 300 mV to VDD min.
4. The VDDQ voltage ramp time from when VDD min is achieved on VDD to when VDDQ min is achieved on VDDQ must be no
greater than 500 mS
tCH tCL
tIS
tIS
400nS
NOP
PRE
ALL
EMRS
MRS
PRE
ALL
REF
MRS
REF
EMRS
EMRS
ANY
CMD
tRP
tMRD
tMRD
tRP
tRFC
tRFC
tOIT
Follow OCD
Flow chart
OCD
CAL. Mode
Exit
OCD
Default
min 200 Cycle
DLL
Reset
DLL
Enable
CLK
CLK
CKE
Command
ODT
tMRD
Figure 1
– Initialization sequence after power-up
8.2
Mode Register and Extended Mode Registers Operation
For application flexibility, burst length, burst type, CAS Latency, DLL reset function, write recovery
time (WR) are user defined variables and must be programmed with a Mode Register Set (MRS)
command. Additionally, DLL disable function, driver impedance, additive CAS Latency, ODT (On Die
Termination), single-ended strobe and OCD (off chip driver impedance adjustment) are also user
defined variables and must be programmed with an Extended Mode Register Set (EMRS) command.
Contents of the Mode Register (MR) or Extended Mode Registers EMR (1), EMR (2) and EMR (3) can
be altered by re-executing the MRS or EMRS Commands. Even if the user chooses to modify only a
subset of the MR or EMR (1), EMR (2) and EMR (3) variables, all variables within the addressed
register must be redefined when the MRS or EMRS commands are issued.
MRS, EMRS and Reset DLL do not affect array contents, which mean re-initialization including those
can be executed at any time after power-up without affecting array contents.
8.2.1
Mode Register Set Command (MRS)
( CS = "L", RAS = "L", CAS = "L", WE = "L", BA0 = "L", BA1 = "L", A0 to A12 = Register Data)
The mode register stores the data for controlling the various operating modes of DDR2 SDRAM. It
programs CAS Latency, burst length, burst sequence, test mode, DLL reset, Write Recovery (WR) and
various vendor specific options to make DDR2 SDRAM useful for various applications. The default
value in the Mode Register after power-up is not defined, therefore the Mode Register must be
programmed during initialization for proper operation.
The DDR2 SDRAM should be in all bank precharge state with CKE already HIGH prior to writing into
the mode register. The mode register set command cycle time (tMRD) is required to complete the write
operation to the mode register. The mode register contents can be changed using the same command
and clock cycle requirements during normal operation as long as all banks are in the precharge state.
The mode register is divided into various fields depending on functionality. Burst length is defined by
A[2:0] with options of 4 and 8 bit burst lengths. The burst length decodes are compatible with DDR


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com