Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 86 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 86 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 79Page - Winbond W9751G6KB-25 Datasheet HTML 80Page - Winbond W9751G6KB-25 Datasheet HTML 81Page - Winbond W9751G6KB-25 Datasheet HTML 82Page - Winbond W9751G6KB-25 Datasheet HTML 83Page - Winbond W9751G6KB-25 Datasheet HTML 84Page - Winbond W9751G6KB-25 Datasheet HTML 85Page - Winbond W9751G6KB-25 Datasheet HTML 86Page - Winbond W9751G6KB-25 Datasheet HTML 87Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 86 -
Revision A04
12. PACKAGE SPECIFICATION
Package Outline WBGA-84 (8x12.5 mm
2)
1
84x
Φb
A1
A
SEATING PLANE
SYMBOL
DIMENSION (MM)
MIN.
NOM.
MAX.
A
A1
b
D
E
D1
E1
eE
eD
aaa
bbb
ccc
---
---
---
---
0.10
0.20
---
---
0.15
0.80 BSC.
0.80 BSC.
6.40 BSC.
11.20 BSC.
1.20
0.40
0.50
12.60
8.10
8.00
12.50
7.90
12.40
0.40
0.25
eE
E1
4X
2
3
7
8
9
E
---
---
---
---
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
C
ccc
C
A
C
aaa
B
C
bbb
//
PIN A1 INDEX
PIN A1 INDEX
Ball Land
Ball Opening
Note: 1. Ball land : 0.5mm
2. Ball opening : 0.4mm
3. PCB Ball land suggested
≤ 0.4mm
SOLDER BALL DIAMETER REFERS.
TO POST REFLOW CONDITION.
THE WINDOW-SIDE
ENCAPSULANT
eee
C
A
C
B
M
ddd M
ddd
eee
---
---
---
---
0.08
0.15


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com