Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 67 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 67 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 63Page - Winbond W9751G6KB-25 Datasheet HTML 64Page - Winbond W9751G6KB-25 Datasheet HTML 65Page - Winbond W9751G6KB-25 Datasheet HTML 66Page - Winbond W9751G6KB-25 Datasheet HTML 67Page - Winbond W9751G6KB-25 Datasheet HTML 68Page - Winbond W9751G6KB-25 Datasheet HTML 69Page - Winbond W9751G6KB-25 Datasheet HTML 70Page - Winbond W9751G6KB-25 Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 67 -
Revision A04
10.14
AC Overshoot / Undershoot Specification
10.14.1 AC Overshoot / Undershoot Specification for Address and Control Pins:
Applies to A0-A12, BA0-BA1, /CS, /RAS, /CAS, /WE, CKE, ODT
PARAMETER
DDR2-1066
DDR2-800
DDR2-667
UNIT
Maximum peak amplitude allowed for overshoot area
0.5
0.5
0.5
V
Maximum peak amplitude allowed for undershoot area
0.5
0.5
0.5
V
Maximum overshoot area above VDD
0.5
0.66
0.8
V-nS
Maximum undershoot area below VSS
0.5
0.66
0.8
V-nS
10.14.2 AC Overshoot / Undershoot Specification for Clock, Data, Strobe and Mask pins:
Applies to DQ, LDQS, /LDQS, UDQS, /UDQS, LDM, UDM, CLK, /CLK
PARAMETER
DDR2-1066
DDR2-800
DDR2-667
UNIT
Maximum peak amplitude allowed for overshoot area
0.5
0.5
0.5
V
Maximum peak amplitude allowed for undershoot area
0.5
0.5
0.5
V
Maximum overshoot area above VDDQ
0.19
0.23
0.23
V-nS
Maximum undershoot area below VSSQ
0.19
0.23
0.23
V-nS
Maximum Amplitude
Maximum Amplitude
Overshoot Area
Undershoot Area
VDD/VDDQ
Volts (V)
Time (nS)
VSS/VSSQ
Figure 29
– AC overshoot and undershoot definition


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com