Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 55 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 55 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 51Page - Winbond W9751G6KB-25 Datasheet HTML 52Page - Winbond W9751G6KB-25 Datasheet HTML 53Page - Winbond W9751G6KB-25 Datasheet HTML 54Page - Winbond W9751G6KB-25 Datasheet HTML 55Page - Winbond W9751G6KB-25 Datasheet HTML 56Page - Winbond W9751G6KB-25 Datasheet HTML 57Page - Winbond W9751G6KB-25 Datasheet HTML 58Page - Winbond W9751G6KB-25 Datasheet HTML 59Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 55 -
Revision A04
43. tIS and tIH (input setup and hold) derating.
tIS/tIH Derating values for DDR2-667, DDR2-800 and DDR2-1066
Command/
Address
Slew Rate
(V/nS)
ΔtIS and ΔtIH Derating Values for DDR2-667, DDR2-800 and DDR2-1066
CLK/ CLK Differential Slew Rate
2.0 V/nS
1.5 V/nS
1.0 V/nS
Unit
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
4.0
+150
+94
+180
+124
+210
+154
pS
3.5
+143
+89
+173
+119
+203
+149
pS
3.0
+133
+83
+163
+113
+193
+143
pS
2.5
+120
+75
+150
+105
+180
+135
pS
2.0
+100
+45
+130
+75
+160
+105
pS
1.5
+67
+21
+97
+51
+127
+81
pS
1.0
0
0
+30
+30
+60
+60
pS
0.9
-5
-14
+25
+16
+55
+46
pS
0.8
-13
-31
+17
-1
+47
+29
pS
0.7
-22
-54
+8
-24
+38
+6
pS
0.6
-34
-83
-4
-53
+26
-23
pS
0.5
-60
-125
-30
-95
0
-65
pS
0.4
-100
-188
-70
-158
-40
-128
pS
0.3
-168
-292
-138
-262
-108
-232
pS
0.25
-200
-375
-170
-345
-140
-315
pS
0.2
-325
-500
-295
-470
-265
-440
pS
0.15
-517
-708
-487
-678
-457
-648
pS
0.1
-1000
-1125
-970
-1095
-940
-1065
pS
For all input signals the total tIS (setup time) and tIH (hold time) required is calculated by adding the data sheet tIS(base) and
tIH(base) value to the ΔtIS and ΔtIH derating value respectively. Example: tIS (total setup time) = tIS(base) + ΔtIS.
Setup (tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and the first
crossing of VIH(ac)min. Setup (tIS) nominal slew rate for a falling signal is defined as the slew rate between the last crossing of
VREF(dc) and the first crossing of VIL(ac)max. If the actual signal is always earlier than the nominal slew rate line between
shaded „VREF(dc) to AC region‟, use nominal slew rate for derating value. See Figure 20 Illustration of nominal slew rate for tIS.
If the actual signal is later than the nominal slew rate line anywhere between shad
ed „VREF(dc) to AC region‟, the slew rate of a
tangent line to the actual signal from the AC level to DC level is used for derating value. See Figure 21 Illustration of tangent line
for tIS.
Hold (tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc)max and the first
crossing of VREF(dc). Hold (tIH) nominal slew rate for a falling signal is defined as the slew rate between the last crossing of
VIH(dc)min and the first crossing of VREF(dc). If the actual signal is always later than the nominal slew rate line between
shaded „DC to VREF(dc) region‟, use nominal slew rate for derating value. See Figure 22 Illustration of nominal slew rate for tIH.
If the
actual signal is earlier than the nominal slew rate line anywhere between shaded „DC to VREF(dc) region‟, the slew rate of
a tangent line to the actual signal from the DC level to VREF(dc) level is used for derating value. See Figure 23 Illustration of
tangent line for tIH.
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached VIH/IL(ac) at
the time of the rising clock transition) a valid input signal is still required to complete the transition and reach VIH/IL(ac).
For slew rates in between the values listed in above tIS/tIH derating values for DDR2-667, DDR2-800 and DDR2-1066 table, the
derating values may obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com