Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 5 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 5 Page - Winbond

  W9751G6KB-25 Datasheet HTML 1Page - Winbond W9751G6KB-25 Datasheet HTML 2Page - Winbond W9751G6KB-25 Datasheet HTML 3Page - Winbond W9751G6KB-25 Datasheet HTML 4Page - Winbond W9751G6KB-25 Datasheet HTML 5Page - Winbond W9751G6KB-25 Datasheet HTML 6Page - Winbond W9751G6KB-25 Datasheet HTML 7Page - Winbond W9751G6KB-25 Datasheet HTML 8Page - Winbond W9751G6KB-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 5 -
Revision A04
3.
ORDER INFORMATION
PART NUMBER
SPEED GRADE
OPERATING TEMPERATURE
W9751G6KB-18
DDR2-1066 (7-7-7)
0°C
≤ TCASE ≤ 85°C
W9751G6KB-25
DDR2-800 (5-5-5) or DDR2-800 (6-6-6)
0°C
≤ TCASE ≤ 85°C
W9751G6KB25I
DDR2-800 (5-5-5) or DDR2-800 (6-6-6)
-40°C
≤ TCASE ≤ 95°C
W9751G6KB25A
DDR2-800 (5-5-5) or DDR2-800 (6-6-6)
-40°C
≤ TA, TCASE ≤ 95°C
W9751G6KB25K
DDR2-800 (5-5-5) or DDR2-800 (6-6-6)
-40°C
≤ TA, TCASE ≤ 105°C
W9751G6KB-3
DDR2-667 (5-5-5)
0°C
≤ TCASE ≤ 85°C
4.
KEY PARAMETERS
SYM.
SPEED GRADE
DDR2-1066
DDR2-800
DDR2-667
Bin(CL-tRCD-tRP)
7-7-7
5-5-5/6-6-6
5-5-5
Part Number Extension
-18
-25/25I/25A/25K
-3
tCK(avg)
Average clock period
@CL = 7
Min.
1.875 nS
Max.
7.5 nS
@CL = 6
Min.
2.5 nS
2.5 nS
Max.
7.5 nS
8 nS
@CL = 5
Min.
3 nS
2.5 nS
3 nS
Max.
7.5 nS
8 nS
8 nS
@CL = 4
Min.
3.75 nS
3.75 nS
3.75 nS
Max.
7.5 nS
8 nS
8 nS
@CL = 3
Min.
5 nS
5 nS
Max.
8 nS
8 nS
tRCD
Active to Read/Write Command Delay Time
Min.
13.125 nS
12.5 nS
15 nS
tREFI
Average periodic
refresh Interval
-40°C
TCASE 85°C
Max.
*2
7.8
μS*
2, 3
*2
0°C
TCASE 85°C
7.8
μS*
1
7.8
μS*
1
7.8
μS*
1
85°C
< TCASE
95°C
3.9
μS*
4
3.9
μS*
4
3.9
μS*
4
95°C
< TCASE
105°C
*6
3.9
μS*
5
*6
tRP
Precharge to Active Command Period
Min.
13.125 nS
12.5 nS
15 nS
tRC
Active to Ref/Active Command Period
Min.
58.125 nS
57.5 nS
60 nS
tRAS
Active to Precharge Command Period
Min.
45 nS
45 nS
45 nS
IDD0
Operating one bank active-precharge current
Max.
105 mA
90 mA
80 mA
IDD1
Operating one bank active-read-precharge current
Max.
115mA
100 mA
90 mA
IDD4R
Operating burst read current
Max.
165 mA
140 mA
125 mA
IDD4W
Operating burst write current
Max.
200 mA
165 mA
150 mA
IDD5B
Burst refresh current
Max.
105 mA
95 mA
90 mA
IDD6
Self refresh current (TCASE
85°C)
Max.
6 mA
6 mA
6 mA
IDD7
Operating bank interleave read current
Max.
245 mA
200 mA
180 mA
Notes:
1.
All speed grades support 0°C
TCASE 85°C with full JEDEC AC and DC specifications.
2.
For -18, -25 and -3 speed grades, -40°C
TCASE < 0°C is not available.
3.
25I, 25A and 25K speed grades support -40°C
TCASE 85°C with full JEDEC AC and DC specifications.
4.
For all speed grade parts, TCASE is able to extend to 95°C with doubling Auto Refresh commands in frequency to a 32 mS
period ( tREFI = 3.9 µS) and to enter to Self Refresh mode at this high temperature range via A7
“1” on EMR (2).
5.
For 25K automotive speed grade, TCASE is able to extend to 105°C with doubling Auto Refresh commands in frequency to a
32 mS period ( tREFI = 3.9 µS) and to enter to Self Refresh mode at this high temperature range via A7
“1” on EMR (2).
6.
For -18, -25, 25I, 25A and -3 speed grades, 95°C < TCASE
≤ 105°C is not available.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com