Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 48 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 48 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 44Page - Winbond W9751G6KB-25 Datasheet HTML 45Page - Winbond W9751G6KB-25 Datasheet HTML 46Page - Winbond W9751G6KB-25 Datasheet HTML 47Page - Winbond W9751G6KB-25 Datasheet HTML 48Page - Winbond W9751G6KB-25 Datasheet HTML 49Page - Winbond W9751G6KB-25 Datasheet HTML 50Page - Winbond W9751G6KB-25 Datasheet HTML 51Page - Winbond W9751G6KB-25 Datasheet HTML 52Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 48 -
Revision A04
11. There are two sets of values listed for Command/Address input hold time: tIH(base) and tIH(ref). The tIH(ref) value (for
reference only) is equivalent to the baseline value of tIH(base) at VREF when the slew rate is 1.0 V/nS. The baseline value
tIH(base) is the JEDEC defined value, referenced from the input signal crossing at the VIL(dc) level for a rising signal and
VIH(dc) for a falling signal applied to the device under test. See Figure 17. If the Command/Address slew rate is not equal to
1.0 V/nS, then the baseline values must be derated by adding the values from table tIS/tIH derating values for DDR2-667,
DDR2-800 and DDR2-1066 (page 55).
12. The maximum limit for the tWPST parameter is not a device limit. The device operates with a greater value for this
parameter, but system performance (bus turnaround) will degrades accordingly.
13. tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers as
well as output Slew Rate mismatch between DQS /
DQS and associated DQ in any given cycle.
14. tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when the device output is
no longer driving (tRPST), or begins driving (tRPRE). Figure 18 shows a method to calculate these points when the device
is no longer driving (tRPST), or begins driving (tRPRE) by measuring the signal at two different voltages. The actual voltage
measurement points are not critical as long as the calculation is consistent.
15. tHZ and tLZ transitions occur in the same access time as valid data transitions. These parameters are referenced to a
specific voltage level which specifies when the device output is no longer driving (tHZ), or begins driving (tLZ). Figure 18
shows a method to calculate the point when device is no longer driving (tHZ), or begins driving (tLZ) by measuring the
signal at two different voltages. The actual voltage measurement points are not critical as long as the calculation is
consistent. tLZ(DQ) refers to tLZ
of the DQ‟s and tLZ(DQS) refers to tLZ of the (UDQS, LDQS, UDQS and LDQS ) each
treated as single-ended signal.
VOH - x mV
VTT - 2x mV
VTT - x mV
VOH - 2x mV
VOL + 2x mV
VOL + x mV
VTT + x mV
VTT + 2x mV
tRPST end point
tRPRE begin point
tHZ,tRPST end point = 2 x T1 - T2
tLZ,tRPRE begin point = 2 x T1 - T2
tHZ
T1 T2
tLZ
T1 T2
Figure 18
Method for calculating transitions and endpoints
16. Input waveform timing tDS with differential data strobe enabled MR[bit10]=0. There are two sets of values listed for DQ and
DM input setup time: tDS(base) and tDS(ref). The tDS(ref) value (for reference only) is equivalent to the baseline value
tDS(base) at VREF when the slew rate is 2.0 V/nS, differentially. The baseline value tDS(base) is the JEDEC defined value,
referenced from the input signal crossing at the VIH(ac) level to the differential data strobe crosspoint for a rising signal, and
from the input signal crossing at the VIL(ac) level to the differential data strobe crosspoint for a falling signal applied to the
device under test. DQS, DQS signals must be monotonic between VIL(dc)max and VIH(dc)min. See Figure 19. If the
differential DQS slew rate is not equal to 2.0 V/nS, then the baseline values must be derated by adding the values from
table of DDR2-667, DDR2-800 and DDR2-1066 tDS/tDH derating with differential data strobe (page 60).
17. Input waveform timing tDH with differential data strobe enabled MR[bit10]=0. There are two sets of values listed for DQ and
DM input hold time: tDH(base) and tDH(ref). The tDH(ref) value (for reference only) is equivalent to the baseline value
tDH(base) at VREF when the slew rate is 2.0 V/nS, differentially. The baseline value tDH(base) is the JEDEC defined value,
referenced from the differential data strobe crosspoint to the input signal crossing at the VIH(dc) level for a falling signal and
from the differential data strobe crosspoint to the input signal crossing at the VIL(dc) level for a rising signal applied to the
device under test. DQS,
DQS signals must be monotonic between VIL(dc)max and VIH(dc)min. See Figure 19. If the
differential DQS slew rate is not equal to 2.0 V/nS, then the baseline values must be derated by adding the values from
table of DDR2-667, DDR2-800 and DDR2-1066 tDS/tDH derating with differential data strobe (page 60).


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com