Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 44 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 44 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 40Page - Winbond W9751G6KB-25 Datasheet HTML 41Page - Winbond W9751G6KB-25 Datasheet HTML 42Page - Winbond W9751G6KB-25 Datasheet HTML 43Page - Winbond W9751G6KB-25 Datasheet HTML 44Page - Winbond W9751G6KB-25 Datasheet HTML 45Page - Winbond W9751G6KB-25 Datasheet HTML 46Page - Winbond W9751G6KB-25 Datasheet HTML 47Page - Winbond W9751G6KB-25 Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 44 -
Revision A04
AC Characteristics and Operating Condition for -18 speed grade, continued
Notes: 1-3 and 45-47 apply to the entire table
SYM.
SPEED GRADE
DDR2-1066 (-18)
UNITS
25
NOTES
Bin(CL-tRCD-tRP)
7-7-7
PARAMETER
MIN.
MAX.
tWPRE
Write preamble
0.35
tCK(avg)
tWPST
Write postamble
0.4
0.6
tCK(avg)
12
tRPRE
Read preamble
0.9
1.1
tCK(avg)
14,36
tRPST
Read postamble
0.4
0.6
tCK(avg)
14,37
tDS(base)
DQ and DM input setup time
0
pS
16,27,29,
41,42,44
tDH(base)
DQ and DM input hold time
75
pS
17,27,29,
41,42,44
tDS(ref)
DQ and DM input setup time
200
pS
16,27,29,
41,42,44
tDH(ref)
DQ and DM input hold time
200
pS
17,27,29,
41,42,44
tDIPW
DQ and DM input pulse width for each input
0.35
tCK(avg)
tHZ
Data-out high-impedance time from CLK/
CLK
tAC,max
pS
15,35
tLZ(DQS)
DQS/
DQS -low-impedance time from CLK/ CLK
tAC,min
tAC,max
pS
15,35
tLZ(DQ)
DQ low-impedance time from CLK/
CLK
2 x tAC,min
tAC,max
pS
15,35
tHP
Clock half pulse width
Min. (tCH(abs),
tCL(abs))
pS
32
tQHS
Data hold skew factor
250
pS
33
tQH
DQ/DQS output hold time from DQS
tHP - tQHS
pS
34
tXSNR
Exit Self Refresh to a non-Read command
tRFC + 10
nS
23
tXSRD
Exit Self Refresh to a Read command
200
nCK
tXP
Exit precharge power down to any command
3
nCK
tXARD
Exit active power down to Read command
3
nCK
18
tXARDS
Exit active power down to Read command
(slow exit, lower power)
10 - AL
nCK
18,19
tAOND
ODT turn-on delay
2
2
nCK
20
tAON
ODT turn-on
tAC,min
tAC,max + 2.575
nS
20,35
tAONPD
ODT turn-on (Power Down mode)
tAC,min + 2
3 x tCK(avg) +
tAC,max+1
nS
tAOFD
ODT turn-off delay
2.5
2.5
nCK
21,39
tAOF
ODT turn-off
tAC,min
tAC,max + 0.6
nS
21,38,39
tAOFPD
ODT turn-off (Power Down mode)
tAC,min + 2
2.5 x tCK(avg) +
tAC,max + 1
nS
tANPD
ODT to power down Entry Latency
4
nCK
tAXPD
ODT Power Down Exit Latency
11
nCK
tMRD
Mode Register Set command cycle time
2
nCK
tMOD
MRS command to ODT update delay
0
12
nS
23
tOIT
OCD Drive mode output delay
0
12
nS
23
tDELAY
Minimum time clocks remain ON after CKE
asynchronously drops LOW
tIS+tCK(avg)+tIH
nS
22


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com