Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 43 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 43 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 39Page - Winbond W9751G6KB-25 Datasheet HTML 40Page - Winbond W9751G6KB-25 Datasheet HTML 41Page - Winbond W9751G6KB-25 Datasheet HTML 42Page - Winbond W9751G6KB-25 Datasheet HTML 43Page - Winbond W9751G6KB-25 Datasheet HTML 44Page - Winbond W9751G6KB-25 Datasheet HTML 45Page - Winbond W9751G6KB-25 Datasheet HTML 46Page - Winbond W9751G6KB-25 Datasheet HTML 47Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 43 -
Revision A04
10.11
AC Characteristics
10.11.1 AC Characteristics and Operating Condition for -18 speed grade
Notes: 1-3 and 45-47 apply to the entire table
SYM.
SPEED GRADE
DDR2-1066 (-18)
UNIT
25
NOTES
Bin(CL-tRCD-tRP)
7-7-7
PARAMETER
MIN.
MAX.
tRCD
Active to Read/Write Command Delay Time
13.125
nS
23
tRP
Precharge to Active Command Period
13.125
nS
23
tRC
Active to Ref/Active Command Period
58.125
nS
23
tRAS
Active to Precharge Command Period
45
70000
nS
4,23
tRFC
Auto Refresh to Active/Auto Refresh command period
105
nS
5
tREFI
Average periodic
refresh Interval
0°C
TCASE 85°C
7.8
μS
5
85°C
< TCASE
95°C
3.9
μS
5,6
tCCD
CAS to CAS command delay
2
nCK
tCK(avg)
Average clock period
tCK(avg) @ CL=4
3.75
7.5
nS
30,31
tCK(avg) @ CL=5
3
7.5
nS
30,31
tCK(avg) @ CL=6
2.5
7.5
nS
30,31
tCK(avg) @ CL=7
1.875
7.5
nS
30,31
tCH(avg)
Average clock high pulse width
0.48
0.52
tCK(avg)
30,31
tCL(avg)
Average clock low pulse width
0.48
0.52
tCK(avg)
30,31
tAC
DQ output access time from CLK/
CLK
-350
350
pS
35
tDQSCK
DQS output access time from CLK /
CLK
-325
325
pS
35
tDQSQ
DQS-DQ skew for DQS & associated DQ signals
175
pS
13
tCKE
CKE minimum high and low pulse width
3
nCK
7
tRRD
Active to active command period for 2KB page size
10
nS
8,23
tFAW
Four Activate Window for 2KB page size
45
nS
23
tWR
Write recovery time
15
nS
23
tDAL
Auto-precharge write recovery + precharge time
WR + tnRP
nCK
24
tWTR
Internal Write to Read command delay
7.5
nS
9,23
tRTP
Internal Read to Precharge command delay
7.5
nS
4,23
tIS (base)
Address and control input setup time
125
pS
10,26,
40,42,43
tIH (base)
Address and control input hold time
200
pS
11,26,
40,42,43
tIS (ref)
Address and control input setup time
325
pS
10,26,
40,42,43
tIH (ref)
Address and control input hold time
325
pS
11,26,
40,42,43
tIPW
Address and control input pulse width for each input
0.6
tCK(avg)
tDQSS
DQS latching rising transitions to associated clock edges
-0.25
0.25
tCK(avg)
28
tDSS
DQS falling edge to CLK setup time
0.2
tCK(avg)
28
tDSH
DQS falling edge hold time from CLK
0.2
tCK(avg)
28
tDQSH
DQS input high pulse width
0.35
tCK(avg)
tDQSL
DQS input low pulse width
0.35
tCK(avg)


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com