Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 41 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 41 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 37Page - Winbond W9751G6KB-25 Datasheet HTML 38Page - Winbond W9751G6KB-25 Datasheet HTML 39Page - Winbond W9751G6KB-25 Datasheet HTML 40Page - Winbond W9751G6KB-25 Datasheet HTML 41Page - Winbond W9751G6KB-25 Datasheet HTML 42Page - Winbond W9751G6KB-25 Datasheet HTML 43Page - Winbond W9751G6KB-25 Datasheet HTML 44Page - Winbond W9751G6KB-25 Datasheet HTML 45Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 41 -
Revision A04
IDD4R
Operating Burst Read Current
All banks open, Continuous burst reads, IOUT = 0 mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD); tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address inputs are SWITCHING;
Data Bus inputs are SWITCHING.
165
140
125
mA
1,2,3,4,5,
6
IDD4W
Operating Burst Write Current
All banks open, Continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD); tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address inputs are SWITCHING;
Data Bus inputs are SWITCHING.
200
165
150
mA
1,2,3,4,5,
6
IDD5B
Burst Refresh Current
tCK = tCK(IDD);
Refresh command every tRFC(IDD) interval;
CKE is HIGH,
CS is HIGH between valid commands;
Other control and address inputs are SWITCHING;
Data bus inputs are SWITCHING.
105
95
90
mA
1,2,3,4,5,
6
IDD6
Self Refresh Current
CKE
0.2 V, external clock off, CLK and CLK at 0 V;
Other control and address inputs are FLOATING;
Data bus inputs are FLOATING. (TCASE
85°C)
6
6
6
mA
1,2,3,4,5,
6,7
IDD7
Operating Bank Interleave Read Current
All bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = tRCD(IDD) - 1 x tCK(IDD);
tCK = tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD), tFAW
= tFAW(IDD), tRCD = tRCD(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address bus inputs are STABLE during deselects;
Data Bus inputs are SWITCHING.
245
200
180
mA
1,2,3,4,5,
6
Notes:
1. VDD = 1.8 V
0.1V; VDDQ = 1.8 V 0.1V.
2. IDD specifications are tested after the device is properly initialized.
3. Input slew rate is specified by AC Parametric Test Condition.
4. IDD parameters are specified with ODT disabled.
5. Data Bus consists of DQ, LDM, UDM, LDQS,
LDQS , UDQS and UDQS .
6. Definitions for IDD
LOW = Vin
VIL (ac) (max)
HIGH = Vin
VIH (ac) (min)
STABLE = inputs stable at a HIGH or LOW level
FLOATING = inputs at VREF = VDDQ/2
SWITCHING = inputs changing between HIGH and LOW every other clock cycle (once per two clocks) for address and
control signals, and inputs changing between HIGH and LOW every other data transfer (once per clock)
for DQ signals not including masks or strobes.
7. The following IDD values must be derated (IDD limits increase), when TCASE
85°C IDD2P must be derated by 20%;
IDD3P(slow) must be derated by 30% and IDD6 must be derated by 80%. (IDD6 will increase by this amount if TCASE < 85°C
and the 2X refresh option is still enabled)


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com