Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 37 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 37 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 33Page - Winbond W9751G6KB-25 Datasheet HTML 34Page - Winbond W9751G6KB-25 Datasheet HTML 35Page - Winbond W9751G6KB-25 Datasheet HTML 36Page - Winbond W9751G6KB-25 Datasheet HTML 37Page - Winbond W9751G6KB-25 Datasheet HTML 38Page - Winbond W9751G6KB-25 Datasheet HTML 39Page - Winbond W9751G6KB-25 Datasheet HTML 40Page - Winbond W9751G6KB-25 Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 37 -
Revision A04
10. ELECTRICAL CHARACTERISTICS
10.1 Absolute Maximum Ratings
PARAMETER
SYMBOL
RATING
UNIT
NOTES
Voltage on VDD pin relative to VSS
VDD
-1.0 ~ 2.3
V
1, 2
Voltage on VDDQ pin relative to VSS
VDDQ
-0.5 ~ 2.3
V
1, 2
Voltage on VDDL pin relative to VSS
VDDL
-0.5 ~ 2.3
V
1, 2
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 2.3
V
1, 2
Storage Temperature
TSTG
-55 ~ 150
°C
1, 3
Notes:
1. Stresses gr
eater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. When VDD and VDDQ and VDDL are less than 500mV; VREF may be equal to or less than 300mV.
3. Storage temperature is the case surface temperature on the center/top side of the DRAM.
10.2 Operating Temperature Condition
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
NOTES
Operating Temperature (for -18/-25/-3)
TCASE
0
85
°C
1, 3, 5
Operating Temperature (for 25I/25A)
TCASE
-40
95
°C
1, 3, 4, 5, 6, 7
Operating Temperature (for 25A)
TA
-40
95
°C
2
Operating Temperature (for 25K)
TCASE
-40
105
°C
1, 3, 4, 5, 6, 8
Operating Temperature (for 25K)
TA
-40
105
°C
2
Notes:
1. Operating case temperature is the case surface temperature on the center/top side of the DRAM.
2. Operating ambient temperature is the surrounding temperature of the DRAM.
3. Supporting 0°C
≤ TCASE ≤ 85°C with full JEDEC AC and DC specifications.
4. Supporting -40°C
≤ TCASE ≤ 85°C with full JEDEC AC and DC specifications.
5. Supporting 0°C
≤ TCASE ≤ 85°C and being able to extend to 95°C with doubling Auto Refresh commands in frequency to a
32 mS period ( tREFI = 3.9 µS) and to enter to Self Refresh mode at this high temperature range via A7
“1” on EMR (2).
6. Supporting -40°C
≤ TCASE ≤ 85°C and being able to extend to 95°C (for 25I/25A) or 105°C (for 25K) with doubling Auto
Refresh commands in frequency to a 32 mS period ( tREFI = 3.9 µS) and to enter to Self Refresh mode at this high
temperature range via A7
“1” on EMR (2).
7. During operation, the DRAM case temperature must be maintained between -40 to 95°C for 25I/25A parts under all
specification parameters.
8. During operation, the DRAM case temperature must be maintained between -40 to 105°C for 25K parts under all
specification parameters.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com