Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB4 Datasheet(PDF) 27 Page - Winbond

Part # W9412G2IB4
Description  Double Data Rate architecture; two data transfers per clock cycle
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB4 Datasheet(HTML) 27 Page - Winbond

Back Button W9412G2IB4 Datasheet HTML 23Page - Winbond W9412G2IB4 Datasheet HTML 24Page - Winbond W9412G2IB4 Datasheet HTML 25Page - Winbond W9412G2IB4 Datasheet HTML 26Page - Winbond W9412G2IB4 Datasheet HTML 27Page - Winbond W9412G2IB4 Datasheet HTML 28Page - Winbond W9412G2IB4 Datasheet HTML 29Page - Winbond W9412G2IB4 Datasheet HTML 30Page - Winbond W9412G2IB4 Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 27 -
Revision A06
9.5 DC Characteristics
MAX.
SYM.
PARAMETER
-4
-5/-5I
-6/-6I
UNIT NOTES
IDD0
Operating current: One Bank Active-Precharge; tRC = tRC min;
tCK = tCK min; DQ, DM and DQS inputs changing twice per
clock cycle; Address and control inputs changing once per
clock cycle
160
150
140
mA
7
IDD1
Operating current: One Bank Active-Read-Precharge; Burst =
2; tRC = tRC min; CL = 3; tCK = tCK min; IOUT = 0 mA; Address
and control inputs changing once per clock cycle.
180
170
160
mA
7, 9
IDD2P
Precharge Power Down standby current: All Banks Idle; Power
down mode; CKE < VIL max; tCK = tCK min; Vin = VREF for DQ,
DQS and DM
30
30
30
mA
IDD2N
Idle standby current: CS > VIH min; All Banks Idle; CKE > VIH
min; tCK = tCK min; Address and other control inputs changing
once per clock cycle; Vin > VIH min or Vin < VIL max for DQ,
DQS and DM
45
45
45
mA
7
IDD3P
Active Power Down standby current: One Bank Active; Power
down mode; CKE < VIL max; tCK = tCK min
30
30
30
mA
IDD3N
Active standby current: CS > VIH min; CKE > VIH min; One
Bank Active-Precharge; tRC = tRAS max; tCK = tCK min; DQ, DM
and DQS inputs changing twice per clock cycle; Address and
other control inputs changing once per clock cycle
60
60
60
mA
7
IDD4R
Operating current: Burst = 2; Reads; Continuous burst; One
Bank Active; Address and control inputs changing once per
clock cycle; CL=3; tCK = tCK min; IOUT = 0mA
240
220
200
mA
7, 9
IDD4W
Operating current: Burst = 2; Write; Continuous burst; One
Bank Active; Address and control inputs changing once per
clock cycle; CL = 3; tCK = tCK min; DQ, DM and DQS inputs
changing twice per clock cycle
270
250
230
mA
7
IDD5
Auto Refresh current: tRC = tRFC min
210
200
190
mA
7
IDD6
Self Refresh current: CKE < 0.2V
3
3
3
mA
IDD7
Random Read current: 4 Banks Active Read with activate
every 20nS, Auto-Precharge Read every 20 nS; Burst = 4; tRCD
= 3; IOUT = 0mA; DQ, DM and DQS inputs changing twice per
clock cycle; Address changing once per clock cycle
340
320
300
mA


Similar Part No. - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
More results

Similar Description - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com