Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB4 Datasheet(PDF) 26 Page - Winbond

Part # W9412G2IB4
Description  Double Data Rate architecture; two data transfers per clock cycle
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB4 Datasheet(HTML) 26 Page - Winbond

Back Button W9412G2IB4 Datasheet HTML 22Page - Winbond W9412G2IB4 Datasheet HTML 23Page - Winbond W9412G2IB4 Datasheet HTML 24Page - Winbond W9412G2IB4 Datasheet HTML 25Page - Winbond W9412G2IB4 Datasheet HTML 26Page - Winbond W9412G2IB4 Datasheet HTML 27Page - Winbond W9412G2IB4 Datasheet HTML 28Page - Winbond W9412G2IB4 Datasheet HTML 29Page - Winbond W9412G2IB4 Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 26 -
Revision A06
9.3 Capacitance
(VDD = VDDQ = 2.5V
±0.2V, f = 1 MHz, TA = 25 °C, VOUT (DC) = VDDQ/2, VOUT (Peak to Peak) = 0.2V)
SYMBOL
PARAMETER
MIN.
MAX.
DELTA
(MAX.)
UNIT
CIN
Input Capacitance (except for CLK pins)
2.0
4.0
0.5
pF
CCLK
Input Capacitance (CLK pins)
3.0
5.5
0.25
pF
CI/O
DQ, DQS, DM Capacitance
1.5
5.5
0.5
pF
CNC
NC Pin Capacitance
-
1.5
-
pF
Notes: These parameters are periodically sampled and not 100% tested.
The NC pins have additional capacitance for adjustment of the adjacent pin capacitance.
9.4 Leakage and Output Buffer Characteristics
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
NOTES
II (L)
Input Leakage Current
(0V < VIN < VDDQ, All other pins not under test = 0V)
-2
2
µA
IO (L)
Output Leakage Current
(Output disabled, 0V < VOUT < VDDQ)
-5
5
µA
VOH
Output High Voltage
(under AC test load condition)
VTT +0.76
-
V
VOL
Output Low Voltage
(under AC test load condition)
-
VTT -0.76
V
IOH (DC)
Output Minimum Source DC Current
-15.2
-
mA
4, 6
IOL (DC)
Output Minimum Sink DC Current
100%
Strength
15.2
-
mA
4, 6
IOH (DC)
Output Minimum Source DC Current
-10.4
-
mA
5
IOL (DC)
Output Minimum Sink DC Current
60%
Strength
10.4
-
mA
5
IOH (DC)
Output Minimum Source DC Current
-7.2
-
mA
5
IOL (DC)
Output Minimum Sink DC Current
30%
Strength
7.2
mA
5


Similar Part No. - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
More results

Similar Description - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com