Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB4 Datasheet(PDF) 12 Page - Winbond

Part # W9412G2IB4
Description  Double Data Rate architecture; two data transfers per clock cycle
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB4 Datasheet(HTML) 12 Page - Winbond

Back Button W9412G2IB4 Datasheet HTML 8Page - Winbond W9412G2IB4 Datasheet HTML 9Page - Winbond W9412G2IB4 Datasheet HTML 10Page - Winbond W9412G2IB4 Datasheet HTML 11Page - Winbond W9412G2IB4 Datasheet HTML 12Page - Winbond W9412G2IB4 Datasheet HTML 13Page - Winbond W9412G2IB4 Datasheet HTML 14Page - Winbond W9412G2IB4 Datasheet HTML 15Page - Winbond W9412G2IB4 Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 12 -
Revision A06
1) READA
tRAS (min) – (BL/2) x tCK
Internal precharge operation begins after BL/2 cycle from Read with Auto-precharge command.
2) tRCD(min)
READA < tRAS(min) – (BL/2) x tCK
Data can be read with shortest latency, but the internal Precharge operation does not begin until
after tRAS (min) has completed.
This command must not be interrupted by any other command.
7.2.8
Mode Register Set Command
( RAS = “L”, CAS = “L”, WE = “L”, BA0 = “L”, BA1 = “L”, A0 to A11 = Register Data)
The Mode Register Set command programs the values of CAS Latency, Addressing Mode, Burst
Length and DLL reset in the Mode Register. The default values in the Mode Register after power-
up are undefined, therefore this command must be issued during the power-up sequence. Also,
this command can be issued while all banks are in the idle state. Refer to the table for specific
codes.
7.2.9
Extended Mode Register Set Command
( RAS = “L”, CAS = “L”, WE = “L”, BA0 = “H”, BA1 = “L”, A0 to A11 = Register data)
The Extended Mode Register Set command can be implemented as needed for function
extensions to the standard (SDR-SDRAM). Currently the only available mode in EMRS is DLL
enable/disable, decoded by A0. The default value of the extended mode register is not defined;
therefore this command must be issued during the power-up sequence for enabling DLL. Refer to
the table for specific codes.
7.2.10 No-Operation Command
( RAS = “H”, CAS = “H”, WE = “H”)
The No-Operation command simply performs no operation (same command as Device Deselect).
7.2.11
Burst Read Stop Command
( RAS = “H”, CAS = “H”, WE = “L”)
The Burst stop command is used to stop the burst operation. This command is only valid during a
Burst Read operation.
7.2.12 Device Deselect Command
( CS = “H”)
The Device Deselect command disables the command decoder so that the RAS , CAS ,
WE
and Address inputs are ignored. This command is similar to the No-Operation command.
7.2.13
Auto Refresh Command
( RAS = “L”, CAS = “L”, WE = “H”, CKE = “H”, BA0, BA1, A0 to A11 = Don’t Care)
AUTO REFRESH is used during normal operation of the DDR SDRAM and is analogous to CAS–
BEFORE–RAS (CBR) refresh in previous DRAM types. This command is non-persistent, so it
must be issued each time a refresh is required.


Similar Part No. - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
More results

Similar Description - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com