Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB4 Datasheet(PDF) 11 Page - Winbond

Part # W9412G2IB4
Description  Double Data Rate architecture; two data transfers per clock cycle
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB4 Datasheet(HTML) 11 Page - Winbond

Back Button W9412G2IB4 Datasheet HTML 7Page - Winbond W9412G2IB4 Datasheet HTML 8Page - Winbond W9412G2IB4 Datasheet HTML 9Page - Winbond W9412G2IB4 Datasheet HTML 10Page - Winbond W9412G2IB4 Datasheet HTML 11Page - Winbond W9412G2IB4 Datasheet HTML 12Page - Winbond W9412G2IB4 Datasheet HTML 13Page - Winbond W9412G2IB4 Datasheet HTML 14Page - Winbond W9412G2IB4 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 11 -
Revision A06
7.2 Command Function
7.2.1
Bank Activate Command
( RAS = “L”, CAS = “H”, WE = “H”, BA0, BA1 = Bank, A0 to A11 = Row Address)
The Bank Activate command activates the bank designated by the BA (Bank address) signal. Row
addresses are latched on A0 to A11 when this command is issued and the cell data is read out of
the sense amplifiers. The maximum time that each bank can be held in the active state is specified
as tRAS (max). After this command is issued, Read or Write operation can be executed.
7.2.2
Bank Precharge Command
( RAS = “L”, CAS = “H”, WE = “L”, BA0, BA1 = Bank, A8 = “L”, A0 to A7, A9 to A11 = Don’t
Care)
The Bank Precharge command percharges the bank designated by BA. The precharged bank is
switched from the active state to the idle state.
7.2.3
Precharge All Command
( RAS = “L”, CAS = “H”, WE = “L”, BA0, BA1 = Don’t Care, A8 = “H”, A0 to A7, A9 to A11 =
Don’t Care)
The Precharge All command precharges all banks simultaneously. Then all banks are switched to
the idle state.
7.2.4
Write Command
( RAS = “H”, CAS = “L”, WE = “L”, BA0, BA1 = Bank, A8 = “L”, A0 to A7 = Column Address)
The write command performs a Write operation to the bank designated by BA. The write data are
latched at both edges of DQS. The length of the write data (Burst Length) and column access
sequence (Addressing Mode) must be in the Mode Register at power-up prior to the Write
operation.
7.2.5
Write with Auto-precharge Command
( RAS = “H”, CAS = “L”, WE = “L”, BA0, BA1 = Bank, A8 = “H”, A0 to A7 = Column Address)
The Write with Auto-precharge command performs the Precharge operation automatically after the
Write operation. This command must not be interrupted by any other commands.
7.2.6
Read Command
( RAS = “H”, CAS = “L”, WE = “H”, BA0, BA1 = Bank, A8 = “L”, A0 to A7 = Column Address)
The Read command performs a Read operation to the bank designated by BA. The read data are
synchronized with both edges of DQS. The length of read data (Burst Length), Addressing Mode
and CAS Latency (access time from CAS command in a clock cycle) must be programmed in the
Mode Register at power-up prior to the Read operation.
7.2.7
Read with Auto-precharge Command
( RAS = “H”, CAS = ”L”, WE = ”H”, BA0, BA1 = Bank, A8 = ”H”, A0 to A7 = Column Address)
The Read with Auto-precharge command automatically performs the Precharge operation after the
Read operation.


Similar Part No. - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
More results

Similar Description - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com