Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB4 Datasheet(PDF) 10 Page - Winbond

Part # W9412G2IB4
Description  Double Data Rate architecture; two data transfers per clock cycle
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB4 Datasheet(HTML) 10 Page - Winbond

Back Button W9412G2IB4 Datasheet HTML 6Page - Winbond W9412G2IB4 Datasheet HTML 7Page - Winbond W9412G2IB4 Datasheet HTML 8Page - Winbond W9412G2IB4 Datasheet HTML 9Page - Winbond W9412G2IB4 Datasheet HTML 10Page - Winbond W9412G2IB4 Datasheet HTML 11Page - Winbond W9412G2IB4 Datasheet HTML 12Page - Winbond W9412G2IB4 Datasheet HTML 13Page - Winbond W9412G2IB4 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 10 -
Revision A06
7. FUNCTIONAL DESCRIPTION
7.1 Power Up Sequence
(1) Apply power and attempt to CKE at a low state (
0.2V), all other inputs may be undefined
1) Apply VDD before or at the same time as VDDQ.
2) Apply VDDQ before or at the same time as VTT and VREF.
(2) Start Clock and maintain stable condition for 200 µS (min.).
(3) After stable power and clock, apply NOP and take CKE high.
(4) Issue precharge command for all banks of the device.
(5) Issue EMRS (Extended Mode Register Set) to enable DLL and establish Output Driver Type.
(6) Issue MRS (Mode Register Set) to reset DLL and set device to idle with bit A8.
(An additional 200 cycles(min) of clock are required for DLL Lock before any executable
command applied.)
(7) Issue precharge command for all banks of the device.
(8) Issue two or more Auto Refresh commands.
(9) Issue MRS-Initialize device operation with the reset DLL bit deactivated A8 to low.
2 Clock min.
tRFC
MRS
CLK
Command
ANY
CMD
AREF
AREF
PREA
MRS
EMRS
PREA
CLK
tRFC
tRP
tRP
Enable DLL
DLL reset with A8 = High
Disable DLL reset with A8 = Low
200 Clock min.
2 Clock min.
2 Clock min.
Inputs
maintain stable
for 200 µS min.
Initialization sequence after power-up


Similar Part No. - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
More results

Similar Description - W9412G2IB4

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com