Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 61Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 62Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 63Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 64Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 65Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 66Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 67Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 68Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
65
www.energymicro.com
Alternate
LOCATION
Functionality
0
1
2
3
4
5
6
Description
TIM2_CC2
PA10
PA14
PC10
Timer 2 Capture Compare input / output channel 2.
TIM3_CC0
PE14
PE0
Timer 3 Capture Compare input / output channel 0.
TIM3_CC1
PE15
PE1
Timer 3 Capture Compare input / output channel 1.
TIM3_CC2
PA15
PE2
Timer 3 Capture Compare input / output channel 2.
U0_RX
PF7
PE1
PA4
UART0 Receive input.
U0_TX
PF6
PE0
PA3
UART0 Transmit output. Also used as receive input in half
duplex communication.
U1_RX
PF11
PB10
PE3
UART1 Receive input.
U1_TX
PF10
PB9
PE2
UART1 Transmit output. Also used as receive input in half
duplex communication.
US0_CLK
PE12
PE5
PC9
PB13
PB13
USART0 clock input / output.
US0_CS
PE13
PE4
PC8
PB14
PB14
USART0 chip select input / output.
US0_RX
PE11
PE6
PC10
PE12
PB8
PC1
USART0 Asynchronous Receive.
USART0 Synchronous mode Master Input / Slave Output
(MISO).
US0_TX
PE10
PE7
PC11
PE13
PB7
PC0
USART0 Asynchronous Transmit.Also used as receive in-
put in half duplex communication.
USART0 Synchronous mode Master Output / Slave Input
(MOSI).
US1_CLK
PB7
PD2
PF0
USART1 clock input / output.
US1_CS
PB8
PD3
PF1
USART1 chip select input / output.
US1_RX
PC1
PD1
PD6
USART1 Asynchronous Receive.
USART1 Synchronous mode Master Input / Slave Output
(MISO).
US1_TX
PC0
PD0
PD7
USART1 Asynchronous Transmit.Also used as receive in-
put in half duplex communication.
USART1 Synchronous mode Master Output / Slave Input
(MOSI).
US2_CLK
PC4
PB5
USART2 clock input / output.
US2_CS
PC5
PB6
USART2 chip select input / output.
US2_RX
PC3
PB4
USART2 Asynchronous Receive.
USART2 Synchronous mode Master Input / Slave Output
(MISO).
US2_TX
PC2
PB3
USART2 Asynchronous Transmit.Also used as receive in-
put in half duplex communication.
USART2 Synchronous mode Master Output / Slave Input
(MOSI).
USB_DM
PF10
USB D- pin.
USB_DMPU
PD2
USB D- Pullup control.
USB_DP
PF11
USB D+ pin.
USB_ID
PF12
USB ID pin. Used in OTG mode.
USB_VBUS
USB_VBUS
USB 5 V VBUS input.
USB_VBUSEN
PF5
USB 5 V VBUS enable.
USB_VREGI
USB_VREGI
USB Input to internal 3.3 V regulator
USB_VREGO
USV_VREGO
USB Decoupling for internal 3.3 V USB regulator and reg-
ulator output


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com