Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 33Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 34Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 35Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 36Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 37Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 38Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 39Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 40Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
37
www.energymicro.com
Symbol
Parameter
Condition
Min
Typ
Max
Unit
200 kSamples/s, 12 bit, single
ended, VDD reference
66
dB
200 kSamples/s, 12 bit, dif-
ferential, internal 1.25V refer-
ence
63
dB
200 kSamples/s, 12 bit, differ-
ential, internal 2.5V reference
66
dB
200 kSamples/s, 12 bit, differ-
ential, 5V reference
66
dB
200 kSamples/s, 12 bit, differ-
ential, VDD reference
68
dB
200 kSamples/s, 12 bit, differ-
ential, 2xVDD reference
69
dB
1 MSamples/s, 12 bit, single
ended, internal 1.25V refer-
ence
64
dBc
1 MSamples/s, 12 bit, single
ended, internal 2.5V refer-
ence
76
dBc
1 MSamples/s, 12 bit, single
ended, VDD reference
73
dBc
1 MSamples/s, 12 bit, differ-
ential, internal 1.25V refer-
ence
66
dBc
1 MSamples/s, 12 bit, differ-
ential, internal 2.5V reference
77
dBc
1 MSamples/s, 12 bit, differ-
ential, VDD reference
76
dBc
1 MSamples/s, 12 bit, differ-
ential, 2xVDD reference
75
dBc
1 MSamples/s, 12 bit, differ-
ential, 5V reference
69
dBc
200 kSamples/s, 12 bit, sin-
gle ended, internal 1.25V ref-
erence
75
dBc
200 kSamples/s, 12 bit, sin-
gle ended, internal 2.5V refer-
ence
75
dBc
200 kSamples/s, 12 bit, single
ended, VDD reference
76
dBc
200 kSamples/s, 12 bit, dif-
ferential, internal 1.25V refer-
ence
79
dBc
200 kSamples/s, 12 bit, differ-
ential, internal 2.5V reference
79
dBc
200 kSamples/s, 12 bit, differ-
ential, 5V reference
78
dBc
SFDRADC
Spurious-Free Dynamic
Range (SFDR)
200 kSamples/s, 12 bit, differ-
ential, VDD reference
79
dBc


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com