Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 58Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 59Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 60Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 61Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 62Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 63Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 64Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 65Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
62
www.energymicro.com
Alternate
LOCATION
Functionality
0
1
2
3
4
5
6
Description
I2C1_SCL
PC5
PB12
PE1
I2C1 Serial Clock Line input / output.
I2C1_SDA
PC4
PB11
PE0
I2C1 Serial Data input / output.
LCD_BCAP_N
PA13
LCD voltage booster (optional), boost capacitor, negative
pin. If using the LCD voltage booster, connect a 22 nF ca-
pacitor between LCD_BCAP_N and LCD_BCAP_P.
LCD_BCAP_P
PA12
LCD voltage booster (optional), boost capacitor, positive
pin. If using the LCD voltage booster, connect a 22 nF ca-
pacitor between LCD_BCAP_N and LCD_BCAP_P.
LCD_BEXT
PA14
LCD voltage booster (optional), boost output. If using the
LCD voltage booster, connect a 1 uF capacitor between
this pin and VSS.
An external LCD voltage may also be applied to this pin if
the booster is not enabled.
If AVDD is used directly as the LCD supply voltage, this
pin may be left unconnected or used as a GPIO.
LCD_COM0
PE4
LCD driver common line number 0.
LCD_COM1
PE5
LCD driver common line number 1.
LCD_COM2
PE6
LCD driver common line number 2.
LCD_COM3
PE7
LCD driver common line number 3.
LCD_SEG0
PF2
LCD segment line 0. Segments 0, 1, 2 and 3 are con-
trolled by SEGEN0.
LCD_SEG3
PF5
LCD segment line 3. Segments 0, 1, 2 and 3 are con-
trolled by SEGEN0.
LCD_SEG4
PE8
LCD segment line 4. Segments 4, 5, 6 and 7 are con-
trolled by SEGEN1.
LCD_SEG5
PE9
LCD segment line 5. Segments 4, 5, 6 and 7 are con-
trolled by SEGEN1.
LCD_SEG6
PE10
LCD segment line 6. Segments 4, 5, 6 and 7 are con-
trolled by SEGEN1.
LCD_SEG7
PE11
LCD segment line 7. Segments 4, 5, 6 and 7 are con-
trolled by SEGEN1.
LCD_SEG8
PE12
LCD segment line 8. Segments 8, 9, 10 and 11 are con-
trolled by SEGEN2.
LCD_SEG9
PE13
LCD segment line 9. Segments 8, 9, 10 and 11 are con-
trolled by SEGEN2.
LCD_SEG10
PE14
LCD segment line 10. Segments 8, 9, 10 and 11 are con-
trolled by SEGEN2.
LCD_SEG11
PE15
LCD segment line 11. Segments 8, 9, 10 and 11 are con-
trolled by SEGEN2.
LCD_SEG12
PA15
LCD segment line 12. Segments 12, 13, 14 and 15 are
controlled by SEGEN3.
LCD_SEG13
PA0
LCD segment line 13. Segments 12, 13, 14 and 15 are
controlled by SEGEN3.
LCD_SEG14
PA1
LCD segment line 14. Segments 12, 13, 14 and 15 are
controlled by SEGEN3.
LCD_SEG15
PA2
LCD segment line 15. Segments 12, 13, 14 and 15 are
controlled by SEGEN3.
LCD_SEG16
PA3
LCD segment line 16. Segments 16, 17, 18 and 19 are
controlled by SEGEN4.
LCD_SEG17
PA4
LCD segment line 17. Segments 16, 17, 18 and 19 are
controlled by SEGEN4.
LCD_SEG18
PA5
LCD segment line 18. Segments 16, 17, 18 and 19 are
controlled by SEGEN4.
LCD_SEG19
PA6
LCD segment line 19. Segments 16, 17, 18 and 19 are
controlled by SEGEN4.


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com