![]() |
Electronic Components Datasheet Search |
|
EFM32WG980 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers |
|
|
EFM32WG980 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers |
59 / 80 page ![]() Preliminary ...the world's most energy friendly microcontrollers 2013-05-06 - EFM32WG980FXX - d0202_Rev1.10 59 www.energymicro.com Alternate LOCATION Functionality 0 1 2 3 4 5 6 Description ADC0_CH1 PD1 Analog to digital converter ADC0, input channel number 1. ADC0_CH2 PD2 Analog to digital converter ADC0, input channel number 2. ADC0_CH3 PD3 Analog to digital converter ADC0, input channel number 3. ADC0_CH4 PD4 Analog to digital converter ADC0, input channel number 4. ADC0_CH5 PD5 Analog to digital converter ADC0, input channel number 5. ADC0_CH6 PD6 Analog to digital converter ADC0, input channel number 6. ADC0_CH7 PD7 Analog to digital converter ADC0, input channel number 7. BOOT_RX PE11 Bootloader RX BOOT_TX PE10 Bootloader TX BU_STAT PE3 Backup Power Domain status, whether or not the system is in backup mode BU_VIN PD8 Battery input for Backup Power Domain BU_VOUT PE2 Power output for Backup Power Domain CMU_CLK0 PA2 PD7 Clock Management Unit, clock output number 0. CMU_CLK1 PA1 PD8 PE12 Clock Management Unit, clock output number 1. DAC0_N0 / OPAMP_N0 PC5 Operational Amplifier 0 external negative input. DAC0_N1 / OPAMP_N1 PD7 Operational Amplifier 1 external negative input. DAC0_N2 / OPAMP_N2 PD3 Operational Amplifier 2 external negative input. DAC0_OUT0 / OPAMP_OUT0 PB11 Digital to Analog Converter DAC0_OUT0 / OPAMP output channel number 0. DAC0_OUT0ALT / OPAMP_OUT0ALT PC0 PC1 PC2 PC3 PD0 Digital to Analog Converter DAC0_OUT0ALT / OPAMP alternative output for channel 0. DAC0_OUT1 / OPAMP_OUT1 PB12 Digital to Analog Converter DAC0_OUT1 / OPAMP output channel number 1. DAC0_OUT1ALT / OPAMP_OUT1ALT PD1 Digital to Analog Converter DAC0_OUT1ALT / OPAMP alternative output for channel 1. DAC0_OUT2 / OPAMP_OUT2 PD5 PD0 Digital to Analog Converter DAC0_OUT2 / OPAMP output channel number 2. DAC0_P0 / OPAMP_P0 PC4 Operational Amplifier 0 external positive input. DAC0_P1 / OPAMP_P1 PD6 Operational Amplifier 1 external positive input. DAC0_P2 / OPAMP_P2 PD4 Operational Amplifier 2 external positive input. DBG_SWCLK PF0 PF0 PF0 PF0 Debug-interface Serial Wire clock input. Note that this function is enabled to pin out of reset, and has a built-in pull down. DBG_SWDIO PF1 PF1 PF1 PF1 Debug-interface Serial Wire data input / output. Note that this function is enabled to pin out of reset, and has a built-in pull up. DBG_SWO PF2 PD1 PD2 Debug-interface Serial Wire viewer Output. Note that this function is not enabled after reset, and must be enabled by software to be used. EBI_A00 PA12 PA12 PA12 External Bus Interface (EBI) address output pin 00. EBI_A01 PA13 PA13 PA13 External Bus Interface (EBI) address output pin 01. EBI_A02 PA14 PA14 PA14 External Bus Interface (EBI) address output pin 02. |
Similar Part No. - EFM32WG980 |
|
Similar Description - EFM32WG980 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |