Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 53Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 54Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 55Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 56Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 57Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 58Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 59Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 60Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
57
www.energymicro.com
LQFP100 Pin#
and Name
Pin Alternate Functionality / Description
Pin Name
Analog
EBI
Timers
Communication
Other
58
VSS
Ground
59
DECOUPLE
Decouple output for on-chip voltage regulator. An external capacitance of size CDECOUPLE is required at this pin.
60
PE0
EBI_A07 #0/1/2
TIM3_CC0 #1
PCNT0_S0IN #1
U0_TX #1
I2C1_SDA #2
61
PE1
EBI_A08 #0/1/2
TIM3_CC1 #1
PCNT0_S1IN #1
U0_RX #1
I2C1_SCL #2
62
PE2
BU_VOUT
EBI_A09 #0
TIM3_CC2 #1
U1_TX #3
ACMP0_O #1
63
PE3
BU_STAT
EBI_A10 #0
U1_RX #3
ACMP1_O #1
64
PE4
LCD_COM0
EBI_A11 #0/1/2
US0_CS #1
65
PE5
LCD_COM1
EBI_A12 #0/1/2
US0_CLK #1
66
PE6
LCD_COM2
EBI_A13 #0/1/2
US0_RX #1
67
PE7
LCD_COM3
EBI_A14 #0/1/2
US0_TX #1
68
PC8
ACMP1_CH0
EBI_A15 #0/1/2
TIM2_CC0 #2
US0_CS #2
LES_CH8 #0
69
PC9
ACMP1_CH1
EBI_A09 #1/2
TIM2_CC1 #2
US0_CLK #2
LES_CH9 #0
GPIO_EM4WU2
70
PC10
ACMP1_CH2
EBI_A10 #1/2
TIM2_CC2 #2
US0_RX #2
LES_CH10 #0
71
PC11
ACMP1_CH3
EBI_ALE #1/2
US0_TX #2
LES_CH11 #0
72
USB_VREGI
USB Input to internal 3.3 V regulator.
73
USB_VREGO
USB Decoupling for internal 3.3 V USB regulator and regulator output.
74
PF10
U1_TX #1
USB_DM
75
PF11
U1_RX #1
USB_DP
76
PF0
TIM0_CC0 #5
LETIM0_OUT0 #2
US1_CLK #2
LEU0_TX #3
I2C0_SDA #5
DBG_SWCLK #0/1/2/3
77
PF1
TIM0_CC1 #5
LETIM0_OUT1 #2
US1_CS #2
LEU0_RX #3
I2C0_SCL #5
DBG_SWDIO #0/1/2/3
GPIO_EM4WU3
78
PF2
LCD_SEG0
EBI_ARDY #0/1/2
TIM0_CC2 #5
LEU0_TX #4
ACMP1_O #0
DBG_SWO #0
GPIO_EM4WU4
79
USB_VBUS
USB 5.0 V VBUS input.
80
PF12
USB_ID
81
PF5
LCD_SEG3
EBI_REn #0/2
TIM0_CDTI2 #2/5
USB_VBUSEN #0
PRS_CH2 #1
82
IOVDD_5
Digital IO power supply 5.
83
VSS
Ground
84
PF6
LCD_SEG24
EBI_BL0 #0/1/2
TIM0_CC0 #2
U0_TX #0
85
PF7
LCD_SEG25
EBI_BL1 #0/1/2
TIM0_CC1 #2
U0_RX #0
86
PF8
LCD_SEG26
EBI_WEn #1
TIM0_CC2 #2
ETM_TCLK #1
87
PF9
LCD_SEG27
EBI_REn #1
ETM_TD0 #1
88
PD9
LCD_SEG28
EBI_CS0 #0/1/2
89
PD10
LCD_SEG29
EBI_CS1 #0/1/2
90
PD11
LCD_SEG30
EBI_CS2 #0/1/2
91
PD12
LCD_SEG31
EBI_CS3 #0/1/2


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com