Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 48Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 49Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 50Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 51Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 52Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 53Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 54Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 55Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
52
www.energymicro.com
3.15 LCD
Table 3.20. LCD
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fLCDFR
Frame rate
30
200
Hz
NUMSEG
Number of segments sup-
ported
34×8
seg
VLCD
LCD supply voltage range
Internal boost circuit enabled
2.0
3.8
V
Display disconnected, stat-
ic mode, framerate 32 Hz, all
segments on.
250
nA
ILCD
Steady state current con-
sumption.
Display disconnected,
quadruplex mode, framer-
ate 32 Hz, all segments on,
bias mode to ONETHIRD in
LCD_DISPCTRL register.
550
nA
Internal voltage boost off
0
µA
ILCDBOOST
Steady state Current contri-
bution of internal boost.
Internal voltage boost on,
boosting from 2.2 V to 3.0 V.
8.4
µA
VBLEV of LCD_DISPCTRL
register to LEVEL0
3.0
V
VBLEV of LCD_DISPCTRL
register to LEVEL1
3.08
V
VBLEV of LCD_DISPCTRL
register to LEVEL2
3.17
V
VBLEV of LCD_DISPCTRL
register to LEVEL3
3.26
V
VBLEV of LCD_DISPCTRL
register to LEVEL4
3.34
V
VBLEV of LCD_DISPCTRL
register to LEVEL5
3.43
V
VBLEV of LCD_DISPCTRL
register to LEVEL6
3.52
V
VBOOST
Boost Voltage
VBLEV of LCD_DISPCTRL
register to LEVEL7
3.6
V
The total LCD current is given by Equation 3.3 (p. 52) . ILCDBOOST is zero if internal boost is off.
Total LCD Current Based on Operational Mode and Internal Boost
ILCDTOTAL = ILCD + ILCDBOOST
(3.3)
3.16 Digital Peripherals
Table 3.21. Digital Peripherals
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IUSART
USART current
USART idle current, clock en-
abled
7.5
µA/
MHz
IUART
UART current
UART idle current, clock en-
abled
5.63
µA/
MHz


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
logo
List of Unclassifed Man...
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
World most energy efficient temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com