Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 41Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 42Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 43Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 44Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 45Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 46Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 47Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 48Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
45
www.energymicro.com
Symbol
Parameter
Condition
Min
Typ
Max
Unit
500 kSamples/s, 12 bit, differ-
ential, internal 2.5V reference
58
dB
500 kSamples/s, 12 bit, differ-
ential, VDD reference
59
dB
500 kSamples/s, 12 bit, sin-
gle ended, internal 1.25V ref-
erence
57
dB
500 kSamples/s, 12 bit, sin-
gle ended, internal 2.5V refer-
ence
54
dB
500 kSamples/s, 12 bit, dif-
ferential, internal 1.25V refer-
ence
56
dB
500 kSamples/s, 12 bit, differ-
ential, internal 2.5V reference
53
dB
SNDRDAC
Signal to Noise-pulse Dis-
tortion Ratio (SNDR)
500 kSamples/s, 12 bit, differ-
ential, VDD reference
55
dB
500 kSamples/s, 12 bit, sin-
gle ended, internal 1.25V ref-
erence
62
dBc
500 kSamples/s, 12 bit, sin-
gle ended, internal 2.5V refer-
ence
56
dBc
500 kSamples/s, 12 bit, dif-
ferential, internal 1.25V refer-
ence
61
dBc
500 kSamples/s, 12 bit, differ-
ential, internal 2.5V reference
55
dBc
SFDRDAC
Spurious-Free Dynamic
Range(SFDR)
500 kSamples/s, 12 bit, differ-
ential, VDD reference
60
dBc
After calibration, single ended
2
mV
VDACOFFSET
Offset voltage
After calibration, differential
2
mV
DNLDAC
Differential non-linearity
±1
LSB
INLDAC
Integral non-linearity
±5
LSB
MCDAC
No missing codes
12
bits
3.12 Operational Amplifier (OPAMP)
The electrical characteristics for the Operational Amplifiers are based on simulations.
Table 3.17. OPAMP
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(OPA2)BIASPROG=0xF,
(OPA2)HALFBIAS=0x0, Unity
Gain
400
µA
IOPAMP
Active Current
(OPA2)BIASPROG=0x7,
(OPA2)HALFBIAS=0x1, Unity
Gain
100
µA


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com