Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 27Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 28Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 29Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 30Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 31Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 32Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 33Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 34Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
31
www.energymicro.com
Table 3.10. Minimum Load Capacitance (CLFXOL) Requirement For Safe Crystal Startup
Symbol
Capacitance [pF]
Shunt Capacitance C0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
CLmin lfxoboost = 0
redlfxoboost = 1
3.7
4.0
4.3
4.5
4.8
5.0
5.3
5.5
5.7
5.9
6.0
6.2
6.4
6.5
6.7
6.9
CLmin lfxoboost = 1
redlfxoboost = 0
7.3
7.7
8.2
8.6
9.0
9.3
9.6
10.0 10.3 10.5 10.8 11.1 11.3 11.6 11.8 12.1
CLmin lfxoboost = 1
redlfxoboost = 1
10.0 10.6 11.1 11.6 12.1 12.6 13.0 13.4 13.8 14.1 14.5 14.8 15.1 15.4 15.7 16.0
CLmin lfxoboost = 1
redlfxoboost = 0
12.5 13.2 13.9 14.5 15.0 15.5 16.0 16.5 16.9 17.4 17.8 18.2 18.5 18.9 19.3 19.6
3.9.2 HFXO
Table 3.11. HFXO
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fHFXO
Supported nominal crystal
Frequency
4
48
MHz
Crystal frequency 32 MHz
30
60
Ohm
ESRHFXO
Supported crystal equiv-
alent series resistance
(ESR)
Crystal frequency 4 MHz
400
1500
Ohm
gmHFXO
The transconductance of
the HFXO input transistor
at crystal startup
HFXOBOOST in CMU_CTRL
equals 0b11
20
mS
CHFXOL
Supported crystal external
load range
5
25
pF
DCHFXO
Duty cycle
46
50
54
%
4 MHz: ESR=400 Ohm,
CL=20 pF, HFXOBOOST in
CMU_CTRL equals 0b11
85
µA
IHFXO
Current consumption for
HFXO after startup
32 MHz: ESR=30 Ohm,
CL=10 pF, HFXOBOOST in
CMU_CTRL equals 0b11
165
µA
tHFXO
Startup time
32 MHz: ESR=30 Ohm,
CL=10 pF, HFXOBOOST in
CMU_CTRL equals 0b11
400
µs
3.9.3 LFRCO
Table 3.12. LFRCO
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fLFRCO
Oscillation frequency ,
VDD= 3.0 V, TAMB=25°C
32.768
kHz
tLFRCO
Startup time not including
software calibration
150
µs
ILFRCO
Current consumption
190
nA
TUNESTEPL-
FRCO
Frequency step for LSB
change in TUNING value
1.5
%


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com