Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 19Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 20Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 21Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 22Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 23Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 24Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 25Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 26Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
23
www.energymicro.com
3.8 General Purpose Input Output
Table 3.8. GPIO
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIOIL
Input low voltage
0.3VDD V
VIOIH
Input high voltage
0.7VDD
V
Sourcing 6 mA, VDD=1.85V,
GPIO_Px_CTRL DRIVE-
MODE = STANDARD
0.75VDD
V
Sourcing 6 mA, VDD=3.0V,
GPIO_Px_CTRL DRIVE-
MODE = STANDARD
0.95VDD
V
Sourcing 20 mA, VDD=1.85V,
GPIO_Px_CTRL DRIVE-
MODE = HIGH
0.7VDD
V
VIOOH
Output high voltage
Sourcing 20 mA, VDD=3.0V,
GPIO_Px_CTRL DRIVE-
MODE = HIGH
0.9VDD
V
Sinking 6 mA, VDD=1.85V,
GPIO_Px_CTRL DRIVE-
MODE = STANDARD
0.25VDD V
Sinking 6 mA, VDD=3.0V,
GPIO_Px_CTRL DRIVE-
MODE = STANDARD
0.05VDD V
Sinking 20 mA, VDD=1.85V,
GPIO_Px_CTRL DRIVE-
MODE = HIGH
0.3VDD V
VIOOL
Output low voltage
Sinking 20 mA, VDD=3.0V,
GPIO_Px_CTRL DRIVE-
MODE = HIGH
0.1VDD V
IIOLEAK
Input leakage current
High Impedance IO connect-
ed to GROUND or Vdd
+/-25
nA
RPU
I/O pin pull-up resistor
40
kOhm
RPD
I/O pin pull-down resistor
40
kOhm
RIOESD
Internal ESD series resistor
200
Ohm
tIOGLITCH
Pulse width of pulses to be
removed by the glitch sup-
pression filter
10
50
ns
0.5 mA drive strength
and load capacitance
CL=12.5-25pF.
20+0.1CL
250
ns
tIOOF
Output fall time
2mA drive strength and load
capacitance CL=350-600pF
20+0.1CL
250
ns
VIOHYST
I/O pin hysteresis (VIOTHR+
- VIOTHR-)
VDD = 1.85 - 3.8 V
0.1VDD
V


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com