Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 12Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 13Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 14Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 15Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 16Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
13
www.energymicro.com
3.4.1 EM0 Current Consumption
Figure 3.1. EM0 Current consumption while executing prime number calculation code from flash
with HFXO running at 48MHz
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Vdd [ V]
10.70
10.75
10.80
10.85
10.90
10.95
11.00
11.05
-40.0° C
-15.0° C
5.0° C
25.0° C
45.0° C
65.0° C
85.0° C
–40
–20
0
20
40
60
80
Tem perat ure [ ° C]
10.70
10.75
10.80
10.85
10.90
10.95
11.00
11.05
Vdd= 2.0V
Vdd= 2.2V
Vdd= 2.4V
Vdd= 2.6V
Vdd= 2.8V
Vdd= 3.0V
Vdd= 3.2V
Vdd= 3.4V
Vdd= 3.6V
Vdd= 3.8V
Figure 3.2. EM0 Current consumption while executing prime number calculation code from flash
with HFRCO running at 28MHz
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Vdd [ V]
6.0
6.1
6.2
6.3
6.4
6.5
6.6
-40.0° C
-15.0° C
5.0° C
25.0° C
45.0° C
65.0° C
85.0° C
–40
–20
0
20
40
60
80
Tem perat ure [ ° C]
6.0
6.1
6.2
6.3
6.4
6.5
6.6
Vdd= 2.0V
Vdd= 2.2V
Vdd= 2.4V
Vdd= 2.6V
Vdd= 2.8V
Vdd= 3.0V
Vdd= 3.2V
Vdd= 3.4V
Vdd= 3.6V
Vdd= 3.8V


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com