Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG980 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EFM32WG980
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG980 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EFM32WG980 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 12Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 13Page - List of Unclassifed Manufacturers EFM32WG980 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG980FXX - d0202_Rev1.10
10
www.energymicro.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 10) , by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 10) , by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 10) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
10) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage temperature range
-40
150
1
°C
TS
Maximum soldering tem-
perature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main supply volt-
age
0
3.8
V
VIOPIN
Voltage on any I/O pin
-0.3
VDD+0.3 V
1Based on programmed devices tested for 10000 hours at 150ºC. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.85
3.8
V
fAPB
Internal APB clock frequency
48
MHz
fAHB
Internal AHB clock frequency
48
MHz


Similar Part No. - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
Operation from backup battery when main power drains out
EFM32WG980F128-B-QFP100 SILABS-EFM32WG980F128-B-QFP100 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
2Mb / 85P
Operation from backup battery when main power drains out
EFM32WG980F128-QFP100 SILABS-EFM32WG980F128-QFP100 Datasheet
282Kb / 4P
Updated specifications based on the results of additional silicon characterization
EFM32WG980F256-B-QFP100 SILABS-EFM32WG980F256-B-QFP100 Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG980

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
logo
List of Unclassifed Man...
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
World most energy efficient temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com