Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7500CM-GA Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7500CM-GA
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7500CM-GA Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7500CM-GA Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500C
Data Sheet
10
May 2010 Rev. 1. 8
BCD Semiconductor Manufacturing Limited
Typical Application
+
+
+
+
12
11
8
3
2
14
15
1
16
5
6
10
13
9
7
4
50
µ
10V
50
µ
10V
0.001
µ
50
µ
50V
0.1
µ
1mH
2A
5.1k
0.1
47k
1M
150
47
KSA1010
5.1k
5.1k
150
(VO=5V, IO=1A)
(VI=10V to 40V)
GND
VI(+)
VI(-)
VO
AZ7500C
VCC
C2
C1
FEED
BACK
1IN-
REF
2IN-
1IN+
2IN+
CT
RT
E2
OUTPUT
CTRL
E1
GND
DTC
Figure 10. Pulse Width Modulated Step-Down Converter


Similar Part No. - AZ7500CM-GA

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500CM-E1 BCDSEMI-AZ7500CM-E1 Datasheet
186Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ7500CM-GA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com