Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7500CM-GA Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7500CM-GA
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7500CM-GA Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ7500CM-GA Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7500CM-GA Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500C
Data Sheet
4
May 2010 Rev. 1. 8
BCD Semiconductor Manufacturing Limited
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings"for extended periods may affect device reliability.
Note 2: All voltage values are with respect to the network ground terminal.
Note 3: Maximum power dissipation is a function of TJ(max), RθJA and TA. The maximum allowable power dissi-
pation at any allowable ambient temperature is PD = ( TJ(max) - TA )/RθJA. Operating at the absolute maximum TJ
of 150oC can affect reliability.
Parameter
Symbol
Value
Unit
Supply Voltage (Note 2)
VCC
40
V
Amplifier Input Voltage
VI
-0.3 to VCC + 0.3
V
Collector Output Voltage
VO
40
V
Collector Output Current
IO
250
mA
Package Thermal Impedance
RθJA
73
oC/W
Lead Temperature 1.6mm from case for 10 seconds
260
oC
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
ESD rating (Machine Model)
200
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
715
36
V
Collector Output Voltage
VC1, VC2
30
36
V
Collector Output Current
(Each Transistor)
IC1, IC2
200
mA
Amplifier Input Voltage
VI
0.3
VCC - 2
V
Current Into Feedback Terminal
IFB
0.3
mA
Reference Output Current
IREF
10
mA
Timing Capacitor
CT
0.00047
0.001
10
µF
Timing Resistor
RT
1.8
30
500
K
Oscillator Frequency
fosc
1.0
40
200
KHz
PWM Input Voltage (Pin 3, 4, 14)
0.3
5.3
V
Operating Free-Air Temperature
TA
-40
85
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ7500CM-GA

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500CM-E1 BCDSEMI-AZ7500CM-E1 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ7500CM-GA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com