Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7500CM-EA Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7500CM-EA
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7500CM-EA Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ7500CM-EA Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7500CM-EA Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500C
Data Sheet
2
May 2010 Rev. 1. 8
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AZ7500C (Top View)
M Package
(SOIC-16)
Figure 3. Functional Block Diagram of AZ7500C
Functional Block Diagram
Signal for Output Control
Output Function
VI = GND
Single-ended or parallel output
VI = VREF
Normal push-pull operation
Output Function Control Table
Oscillator
0.12V
5
6
CT
RT
4
DTC
1IN +
1IN -
2IN +
2IN -
1
2
16
15
Error Amplifier 1
Error Amplifier 2
Dead-Time Control
Comparator
D
CK
3
FEEDBACK
PWM
Comparator
Pulse-Steering
Flip-Flop
OUTPUT CTRL
13
Reference
Regulator
Q1
Q2
12
10
11
9
8
C1
E1
C2
E2
V
CC
REF
GND
14
7
0.7mA
+
+
+
+
Pin Configuration
1IN +
1IN -
FEEDBACK
DTC
CT
RT
GND
C1
2IN +
2IN -
REF
OUTPUT CTRL
VCC
C2
E2
E1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - AZ7500CM-EA

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500CM-E1 BCDSEMI-AZ7500CM-E1 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ7500CM-EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com