Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2126K-ADJTRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2126K-ADJTRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2126K-ADJTRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2126K-ADJTRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2126K-ADJTRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2126
1
Sep. 2012 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AP2126 series are positive voltage regulator ICs
fabricated by CMOS process.
The AP2126 series have features of low dropout
voltage, low noise, high output voltage accuracy, and
low current consumption which make them ideal for
use in various battery-powered devices.
AP2126 is available in 1.25V to 5.5V adjustable
voltage versions.
AP2126 series are available in SOT-23-5 Package.
Features
·
Wide Operating Voltage: 3.0V to 6V
·
High Output Voltage Accuracy:
±2%
·
High Ripple Rejection:
68dB@ f=1kHz, 54dB@ f=10kHz
·
Low Standby Current: 0.1
μA
·
Low Dropout Voltage: 170mV@300mA for
VOUT=3.3V, 140mV@300mA for VOUT=5.2V
·
Low Quiescent Current: 60
μA Typical
·
Low Output Noise: 80
μVrms@VOUT=1.25V
·
Short Current Limit: 50mA
·
Over Temperature Protection
·
Compatible with Low ESR Ceramic Capacitor:
1
μF for CIN and COUT
·
Excellent Line/Load Regulation
·
Soft Start Time: 50
μs
·
Auto Discharge Resistance: RDS(ON)=60Ω
Applications
·
Datacom
·
Notebook Computers
·
Mother Board
Figure 1. Package Type of AP2126
SOT-23-5


Similar Part No. - AP2126K-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2126K-ADJTRG1 DIODES-AP2126K-ADJTRG1 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
More results

Similar Description - AP2126K-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com