Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MC04-040-03 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 1MC04-040-03
Description  Blank ceramics (not metallized) Metallized (Au plating) Metallized (Au plating)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC04-040-03 Datasheet(HTML) 1 Page - RMT Ltd.

  1MC04-040-03 Datasheet HTML 1Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 2Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 3Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 4Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 5Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 6Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 7Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 8Page - RMT Ltd. 1MC04-040-03 Datasheet HTML 9Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 9
Manufacturing options
Performance Parameters
Dimensions
1MC04-040-XX
Performance data are given for 300K, vacuum
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
1MC04-040-xx (N=40)
1MC04-040-xx (N=40)
1MC04-040-xx (N=40)
1MC04-040-xx (N=40)
1MC04-040-xx (N=40)
1MC04-040-xx (N=40)
1MC04-040-xx (N=40)
1MC04-040-03
70
7.33
2.4
5.0
1.54
0.9
1MC04-040-05
72
4.57
1.5
5.0
2.53
1.1
1MC04-040-08
73
2.92
0.9
5.0
4.01
1.4
1MC04-040-10
73
2.36
0.8
5.0
4.99
1.6
1MC04-040-12
73
1.97
0.6
5.0
5.98
1.8
1MC04-040-15
73
1.59
0.5
5.0
7.46
2.1
A. TEC Assembly:
A. TEC Assembly:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
D. Thermistor (optional)
D. Thermistor (optional)
* 1. Solder SnSb (Tmelt=230°C)
1. Blank ceramics (not metallized)
1. Blank ceramics (not metallized)
Can be mounted to cold side
2. Solder AuSn (Tmelt=280°C)
2. Metallized (Au plating)
2. Metallized (Au plating)
ceramics edge. Calibration is
3. Metallized and pre-tinned with:
3. Metallized and pre-tinned with:
available by request.
B. Ceramics:
B. Ceramics:
3.1 Solder 117 (In-Sn, Tmelt =117°C)
E. Terminal contacts
E. Terminal contacts
* 1.Pure Al2O3(100%)
3.2 Solder 138 (Sn-Bi, Tmelt = 138°C)
1. Blank, tinned Copper
2.Alumina (Al2O3- 96%)
3.3 Solder 143 (In-Ag, Tmelt = 143°C)
2. Insulated Wires
3.Aluminum Nitride (AlN)
3.4 Solder 157 (In, Tmelt = 157°C)
3. Insulated, color coded
* - used by default
* - used by default
3.5 Solder 183 (Pb-Sn, Tmelt =183°C)
3.6 Optional (specified by Customer)
Thermoelectric Cooling Solutions


Similar Part No. - 1MC04-040-03

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04-040-03 RMT-1MC04-040-03 Datasheet
3Mb / 9P
Blank ceramics (not metallized)
More results

Similar Description - 1MC04-040-03

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04-050-03 RMT-1MC04-050-03 Datasheet
2Mb / 9P
Blank ceramics (not metallized) Metallized (Au plating) Metallized (Au plating)
1MC04004 RMT-1MC04004_12 Datasheet
2Mb / 9P
Blank ceramics (not metallized) Metallized (Au plating)
3MC06-024-05 RMT-3MC06-024-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC06-050-05 RMT-3MC06-050-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC10-038-08 RMT-3MC10-038-08 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MD04-071-05 RMT-3MD04-071-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC06-105-03 RMT-4MC06-105-03 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC10-095-08-1 RMT-4MC10-095-08-1 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MD04-116-05 RMT-4MD04-116-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-011-05 RMT-1MD04-011-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com