Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSOP-28 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # SSOP-28
Description  A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

SSOP-28 Datasheet(HTML) 1 Page - Analog Microelectronics

  SSOP-28 Datasheet HTML 1Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SSOP-28


Similar Part No. - SSOP-28

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SSOP-28 AME-SSOP-28 Datasheet
34Kb / 1P
Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
Global Mixed-mode Techn...
SSOP-28 GMT-SSOP-28 Datasheet
123Kb / 1P
Package Outline
More results

Similar Description - SSOP-28

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SOP-16 AME-SOP-16 Datasheet
89Kb / 1P
A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25
SOP-8 AME-SOP-8 Datasheet
69Kb / 1P
A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.30
SC-70-5 AME-SC-70-5 Datasheet
80Kb / 1P
A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX 0.10
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
SOT-223 AME-SOT-223 Datasheet
81Kb / 1P
A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84
SC-70-4 AME-SC-70-4 Datasheet
73Kb / 1P
A : MIN 0.900 MAX 1.100 A1 : MIN 0.000 MAX 0.100
SOT-25 AME-SOT-25 Datasheet
55Kb / 1P
A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SC-70-6 AME-SC-70-6 Datasheet
68Kb / 1P
A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX .010
SOT-26 AME-SOT-26 Datasheet
80Kb / 1P
A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-89 AME-SOT-89 Datasheet
59Kb / 1P
A : MIN 1.39 MAX 1.60 A1 : MIN 0.89 MAX 1.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com