Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C34-5022 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # C34-5022
Description  50 OHM HD BNC STR JACK PCB THROUGH HOLE 4 LEGS RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C34-5022 Datasheet(HTML) 1 Page - Amphenol Corporation

  C34-5022 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - C34-5022

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C34-5023 AMPHENOL-C34-5023 Datasheet
241Kb / 1P
   50OHM HD BNC BHD JACK PCB THRU HOLE RECEPTACLE 4 LEGS
C34-5024 AMPHENOL-C34-5024 Datasheet
262Kb / 1P
   50 OHM HD BNC RA BHD JACK PCB MOUNT
C34-5027 AMPHENOL-C34-5027 Datasheet
304Kb / 1P
   50 OHM HD-BNC STR PLUG FOR 0.047" CONFORMABLE CABLE
More results

Similar Description - C34-5022

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
34-1024 AMPHENOL-34-1024 Datasheet
311Kb / 3P
   HD-BNC STR JACK PCB THROUGH HOLE 4 LEGS RECEPTACLE
034-1021 AMPHENOL-034-1021 Datasheet
313Kb / 3P
   HD-BNC STR JACK PCB THROUGH HOLE 3 LEGS RECEPTACLE
C34-5023 AMPHENOL-C34-5023 Datasheet
241Kb / 1P
   50OHM HD BNC BHD JACK PCB THRU HOLE RECEPTACLE 4 LEGS
034-1028 AMPHENOL-034-1028 Datasheet
99Kb / 1P
   HD BNC STR JACK BHD PCB THRU HOLE RECEPTACLE
C34-5024 AMPHENOL-C34-5024 Datasheet
262Kb / 1P
   50 OHM HD BNC RA BHD JACK PCB MOUNT
logo
Molex Electronics Ltd.
73100-0105 MOLEX11-73100-0105 Datasheet
32Kb / 1P
   BNC 50 Ohm, Right Angle PCB Jack Receptacle
logo
Amphenol Corporation
CAPH-HDBNCJ-SMAJ AMPHENOL-CAPH-HDBNCJ-SMAJ Datasheet
116Kb / 1P
   50 OHM HD BNC JACK TO SMA JACK ADAPTER
logo
Molex Electronics Ltd.
0731245005 MOLEX6-0731245005_V01 Datasheet
28Kb / 1P
   BNC 50 Ohm, 4 Hole Flange Mount, Jack Receptacle, Solder Pot
0731245005 MOLEX11-0731245005 Datasheet
28Kb / 1P
   BNC 50 Ohm, 4 Hole Flange Mount, Jack Receptacle, Solder Pot
73124-5005 MOLEX11-73124-5005 Datasheet
32Kb / 1P
   BNC 50 Ohm, 4 Hole Flange Mount, Jack Receptacle, Solder Pot
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com