Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS14SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74ALS14SJ
Description  Hex Inverter with Schmitt Trigger Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS14SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS14SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS14SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS14SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS14SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS14SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS14SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS008773
www.fairchildsemi.com
March 1986
Revised February 2000
DM74ALS14
Hex Inverter with Schmitt Trigger Inputs
General Description
This device contains six independent gates, each of which
performs the logic INVERT function. Each input has hyster-
esis which increases the noise immunity and transforms a
slowly changing input signal to a fast changing, jitter-free
output.
Features
s Input hysteresis
s Low output noise generation
s High input noise immunity
s Switching specification at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and low power Schottky TTL counterparts
s Improved AC performance over low power Schottky
counterpart
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Y
= A
H
= HIGH Logic Level
L
= LOW Logic Level
Order Number
Package Number
Package Description
DM74ALS14M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS14SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS14N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Input
Output
AY
LH
HL


Similar Part No. - DM74ALS14SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS14SJ NSC-DM74ALS14SJ Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
More results

Similar Description - DM74ALS14SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
logo
National Semiconductor ...
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
   Hex Inverter with Schmitt Trigger Inputs
logo
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS04 TI-SN74HCS04_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
logo
ON Semiconductor
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com